công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 263 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 263 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 259Page - NEC MPD78CP18KB Datasheet HTML 260Page - NEC MPD78CP18KB Datasheet HTML 261Page - NEC MPD78CP18KB Datasheet HTML 262Page - NEC MPD78CP18KB Datasheet HTML 263Page - NEC MPD78CP18KB Datasheet HTML 264Page - NEC MPD78CP18KB Datasheet HTML 265Page - NEC MPD78CP18KB Datasheet HTML 266Page - NEC MPD78CP18KB Datasheet HTML 267Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
245
STEAX rpa3
(Store EA to Memory addressed by Register Pair)
<1> Operation code
:
01001000
1001C3
C2
C1
C0
Data
<2> Number of bytes/states:
The number of bytes and number of states are as shown below, depending on the rpa3 specification.
rpa3
D
H
D++
H++
D+byte
H+A
H+B
H+EA
H+byte
Number of bytes
2
3
2
3
Number of states
14 (8)
20 (11)
<3> Function
:
(rpa3)
← EAL, (rpa3+1) ← EAH
Stores the contents of the low-order 8 bits (EAL) of the extended accumulator in the memory addressed
by the register pair rpa3 (DE, HL, DE++, HL++, DE+byte, HL+A, HL+B, HL+EA, HL+byte) specified by
C3C2C1C0 (2 to 5, B to F), and stores the contents of the high-order 8 bits (EAH) in the memory addressed
by rpa3 + 1.
If DE+byte or HL+byte is specified as rpa3, memory is addressed by the result of adding the 3rd byte (Data)
of the instruction to the contents of DE/HL. If HL+A, HL+B, or HL+EA is specified, the memory is addressed
by the result of adding the contents of the register (A, B, EA) to the contents of HL.
<4> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
<5> Example
:
LXI
D, 4000H
; DE
← 4000H
STEAX D++
; (4000H)
← EAL, (4001H) ← EAH
; DE
← 4002H
STEAX D+10H
; (4012H)
← EAL, (4013H) ← EAH
; DE=4002H
This example stores the low-order 8 bits (EAL) of the extended accumulator in address 4000H and address
4012H, and stores the high-order 8 bits (EAH) in address 4001H and address 4013H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com