| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TBD bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
TBD bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 80 page ![]() MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6 Freescale Semiconductor 8 C21 VDDSXP VDDSXP C22 SRIO_TXD3/GE2_SGMII_T X SGMII support on SERDES is enabled by Reset Configuration Word VDDSXP C23 VDDSXP VDDSXP C24 MDQ26 VDDDDR C25 MDQ25 VDDDDR C26 MDM3 VDDDDR C27 GND GND C28 MDQ24 VDDDDR D1 Reserved1 — D2 GE2_RD1/PCI_AD28 Ethernet 2 PCI Ethernet 2 VDDGE2 D3 GND GND D4 TDM7TDAT/GE2_TD3/ PCI_AD3/UTP_TMD TDM PCI Ethernet 2 UTOPIA VDDGE2 D5 TDM7RDAT/GE2_RD3/ PCI_AD1/UTP_STA TDM PCI Ethernet 2 UTOPIA VDDGE2 D6 GE1_RD0/UTP_RD2/ PCI_CBE2 UTOPIA Ethernet 1 PCI UTOPIA Ethernet 1 UTOPIA VDDGE1 D7 TDM7TCLK/GE2_TCK/ PCI_IDS/UTP_RER TDM PCI Ethernet 2 UTOPIA VDDGE2 D8 Reserved1 — D9 Reserved1 — D10 Reserved1 — D11 Reserved1 — D12 GNDSXP GNDSXP D13 SRIO_TXD0 VDDSXP D14 GNDSXP GNDSXP D15 SRIO_TXD1 VDDSXP D16 VDDSXC VDDSXC D17 Reserved1 — D18 Reserved1 — D19 GNDSXP GNDSXP D20 SRIO_TXD2/GE1_SGMII_T X SGMII support on SERDES is enabled by Reset Configuration Word VDDSXP D21 GNDSXP GNDSXP D22 SRIO_TXD3/GE2_SGMII_T X SGMII support on SERDES is enabled by Reset Configuration Word VDDSXP D23 GNDSXP GNDSXP D24 MDQ23 VDDDDR D25 VDDDDR VDDDDR D26 MDQ22 VDDDDR D27 MDQ21 VDDDDR D28 MDQS2 VDDDDR E1 Reserved1 — Table 1. Signal List by Ball Number (continued) Ball Number Signal Name Power- On Reset Value I/O Multiplexing Mode2 Ref. Supply 0 (000) 1 (001) 2 (010) 3 (011) 4 (100) 5 (101) 6 (110) 7 (111) |