| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EB632 bảng dữ liệu(PDF) 93 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 bảng dữ liệu(HTML) 93 Page - Freescale Semiconductor, Inc |
|
93 / 112 page ![]() Bootloader Program Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 Freescale Semiconductor 93 ;check the check sticky bit is set ( HF3 in HSR (HSR[3) ) move.w HSR,d6 and #$00001000,d6,d6 ;check if the sticky bit is set ( HF7 in HCR(HCR[3]) ) move.w HCR,d4 and #$00001000,d4,d4 ;if both of the flags are set start the loading again and d4,d6 tsteq d6 jf from_host nop ; jump to the destination address jmp r3 load_from_fifo tsteq d15 ; check flag if watchdog disabled jt load_no_wd load_wd deceqa r15 nop ift jsr watchdog_handle HSR_read move.w HSR,d4 bmtsts.w #$0001,d4.l jf load_wd nop jmp read_fifo nop load_no_wd ;if the host is empty wait for it to fill move.w HSR,d4 bmtsts.w #$0001,d4.l jf load_no_wd ; the host is not empty so load 8 bytes from it read_fifo move.l #HORX,r0 nop move.2l (r0),d4:d5 rts ; Set the sticky bit (HF7) if there is an error in loading the program set_sticky_bit ;set the HF7 bit in HCR move.w HCR,d6 or #$00001000,d6.l move.w d6,HCR rts watchdog_handle move.l #$0100,r15 move.w #$556c,d12 move.w d12,(r6+$e) ;write $556c to swsr move.w #$aa39,d12 move.w d12,(r6+$e) ;write $aa39 to swsr rts |