| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EB632 bảng dữ liệu(PDF) 87 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 bảng dữ liệu(HTML) 87 Page - Freescale Semiconductor, Inc |
|
87 / 112 page ![]() Bootloader Program Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 Freescale Semiconductor 87 move.l d3,r3 nop ; FIND IMMR FROM ISB ;r3 *= 4 so the offset will be in long instead of bytes ;r3 = r3<<2 asl2a r3 ;put the address of the external memory boot table in r4 move.l #EXTERNAL_MEM_BOOT_TABLE,r4 nop adda r4,r3 nop ;move the address from the table into r3 move.l (r3),r3 nop ;jump to that address jmp r3 to_boot_bypass jmp BOOT_BYPASS_ADD nop from_host ; software watch dog is not disabled ; it will be handled in the load_from_fifo routine if it is enabled move.l #$0,d15;clear d15, software watchdog is not enabled move.l (r6+$4),d1;get sypcr value bmtsts #$0004,d1.l jf HDI_en nop move.l d15,r15 ; clear watchdog handle counter move.l #$1,d15; indicate software watchdog enabled move.l #$0100,r15; initialize watchdog handle counter ;set the HEN bit in hpcr HDI_en move.w HPCR,d3 or #$0080,d3.l move.w d3,HPCR ;get the 8bit bit from hpcr ( which is in d3 ) ;if (8bit ) goto load_8bit else goto load_16bit bmtsts #$0040,d3.l jt load_8bit jmp load_16bit load_last_long_2_16 ;if the size left to load is only 2 words ( 4 bytes) ;and the mode is 16-bit so every load action is of 4 words ;in this case the load action already loaded the checksum ;and the ~checksum, so it is a special case which needs handling ;by itself jsr load_from_fifo |