| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EB632 bảng dữ liệu(PDF) 86 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 bảng dữ liệu(HTML) 86 Page - Freescale Semiconductor, Inc |
|
86 / 112 page ![]() Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 86 Freescale Semiconductor Bootloader Program extractu #2,#17,d1,d3 ;get EE4,EE5 -> d3 nop cmpeq.w #$3,d3 jt to_boot_bypass move.l emr,d1 extractu #3,#19,d1,d3 ; d3 xor 3'b100 to recover original isb eor #$4,d3.l nop move.l d3,d13; Added for serial BOOT jmp find_siubase return_find_siu ; SRAM INIT jmp sram_init return_sram_init ; initialize ELIRE move.w #$8000,d0 nop move.w d0,ELIRE ; initialize ELIRF move.w #$0008,d0 nop move.w d0,ELIRF ;check the scmr to see which upm routine to load move.l (r6+$c88),d1 ;scmr,d1 ; extract the busdf from scmr extractu #4,#20,d1,d3 jmp upmc_init check_boot move.l emr,d1 ;get EE4,EE5 -> d3 extractu #2,#17,d1,d3 nop cmpeq.w #$0,d3 jt external_memory cmpeq.w #$1,d3 jt from_host cmpeq.w #$2,d3;added for serial boot jt from_serial cmpeq.w #$3,d3;added for serial boot jt to_boot_bypass stop external_memory ;d3 <- isb[0,1,2] extractu #3,#19,d1,d3 ; d3 xor 3'b100 to recover original isb eor #$4,d3.l ;r3 <- d3 |