công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 104 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 104 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 100Page - Cirrus Logic CS48L32 Datasheet HTML 101Page - Cirrus Logic CS48L32 Datasheet HTML 102Page - Cirrus Logic CS48L32 Datasheet HTML 103Page - Cirrus Logic CS48L32 Datasheet HTML 104Page - Cirrus Logic CS48L32 Datasheet HTML 105Page - Cirrus Logic CS48L32 Datasheet HTML 106Page - Cirrus Logic CS48L32 Datasheet HTML 107Page - Cirrus Logic CS48L32 Datasheet HTML 108Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 192 page
background image
104
Cirrus Logic
DS1219F4
CS48L32
4.5 DSP Peripheral Control
R1067048 (0x104828)
SPI2_SPI_CONFIG5
13:8 SPI2_SIO_
SWITCH[5:0]
0x00
SPI2 serial data (SIO) switch point
Defines the point at which the SPI transaction switches from single data
pin (SIO0) to multiple data pins (SIOn). The switch point is measured in
data sections; a data section is defined as a preamble byte, a TX data
byte, or the dummy-cycle phase. Only valid if SPI2_SIO_WIDTH > 0.
0x00 = Switch immediately (all sections use multiple data pins)
0x01 = Switch after 1 section
0x02 = Switch after 2 sections
...
0x3F = Switch after 63 sections.
1:0
SPI2_SIO_WIDTH[1:0]
00
SPI2 serial data (SIO) width
Selects the data width (i.e., the number of SIO data pins used)
00 = 1-bit
01 = 2-bit
10 = 4-bit
11 = Reserved
R1067052 (0x10482C)
SPI2_SPI_CONFIG6
31:24 SPI2_DUMMY_
DRV[7:0]
0x00
SPI2 dummy drive control
Enables up to eight data bits to be actively driven during the dummy
cycles. The first eight data-bit positions are configured, MSB first, using
SPI2_DUMMY_DRV. If fewer than eight data bits are available in the
dummy cycles, the LSBs are not used. If more than eight data bits are
available, the remaining data bits are undriven.
Each bit is coded as:
0 = Undriven
1 = Driven
23:16 SPI2_DUMMY_
DATA[7:0]
0x00
SPI2 dummy data
Enables up to eight data bits to be configured during the dummy cycles.
The first eight data-bit positions are controlled, MSB first, using SPI2_
DUMMY_DATA. If fewer than eight data bits are available in the dummy
cycles, the LSBs are not used. Only valid if the respective data bit is
actively driven by setting the respective bit in SPI2_DUMMY_DRV.
5:0
SPI2_DUMMY_
CYCLE[5:0]
0x00
SPI2 dummy cycles
Selects the number of SCK cycles between the TX bytes and RX bytes.
Valid for Write-then-Read commands only.
0x00 = 0 cycles
0x01 = 1 cycle
0x02 = 2 cycles
...
0x3F = 63 cycles
R1067056 (0x104830)
SPI2_SPI_CONFIG7
0
SPI2_DMA_EN
0
SPI2 Mode select
0 = Host Mode
1 = DMA Mode
R1067264 (0x104900)
SPI2_SPI_STATUS1
3
SPI2_DMA_BLOCK_
DONE_STS
0
SPI2 DMA block status
This bit, if set, indicates completion of a TX/RX data-block transfer (the
block length is configured using SPI2_TX/RX_DMA_BLOCK_LEN). Valid
in DMA Mode only. The bit is cleared by writing 1; it is also cleared when
SPI2_START is written.
2
SPI2_DMA_ERR_STS
0
SPI2 DMA error status
This bit, if set, indicates an error was encountered during the DMA
transaction. The bit is cleared when SPI2_START is written or when DMA
Mode is disabled.
1
SPI2_ABORT_STS
0
SPI2 abort status
This bit, if set, indicates a SPI transaction was aborted. The bit is cleared
when SPI2_START is written.
0
SPI2_DONE_STS
0
SPI2 done status
This bit, if set, indicates a SPI transaction completed successfully. The bit
is cleared when SPI2_START is written.
R1067520 (0x104A00)
SPI2_CONFIG1
0
SPI2_START
0
SPI2 start control
Write 1 to start the SPI transaction.
Table 4-34. SPI2 Master Interface Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com