công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 51 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 51 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 47Page - Cirrus Logic CS48L32 Datasheet HTML 48Page - Cirrus Logic CS48L32 Datasheet HTML 49Page - Cirrus Logic CS48L32 Datasheet HTML 50Page - Cirrus Logic CS48L32 Datasheet HTML 51Page - Cirrus Logic CS48L32 Datasheet HTML 52Page - Cirrus Logic CS48L32 Datasheet HTML 53Page - Cirrus Logic CS48L32 Datasheet HTML 54Page - Cirrus Logic CS48L32 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 192 page
background image
DS1219F4
Cirrus Logic
51
CS48L32
4.3 Digital Core
Figure 4-19. Dynamic Range Control (DRC) Block
The DRC1 and DRC2 mixer control fields (see Fig. 4-19) are located at addresses 0x8C00 through 0x8C3C.
The full list of digital mixer control registers (0x8080–0x907C) is provided in Section 6. Generic register field definitions
are provided in Table 4-10.
The x_SRCn fields select the input sources for the respective DRC processing blocks. Note that the selected input sources
must be configured for the same sample rate as the DRC to which they are connected. Sample-rate conversion functions
are available to support flexible interconnectivity; see Section 4.3.12.
The hexadecimal numbers in Fig. 4-19 indicate the corresponding x_SRCn setting for selection of that signal as an input
to another digital-core function.
The sample rate for the DRC function is configured using FX_RATE; see Table 4-21. Note that the EQ, DRC, and LHPF
functions must all be configured for the same sample rate. Sample-rate conversion is required when routing the DRC
signal paths to any signal chain that is configured for a different sample rate.
The FX_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn fields
must be cleared before writing a new value to FX_RATE. A minimum delay of 125
s must be allowed between clearing
the x_SRCn fields and writing to FX_RATE. See Table 4-21 for details.
The DRC functions are enabled using the control bits described in Table 4-13.
DRCnLMIX_VOL2
DRCnLMIX_VOL3
DRCnLMIX_VOL4
DRCnLMIX_VOL1
DRCnLMIX_SRC1
DRCnLMIX_SRC3
DRCnLMIX_SRC4
DRCnLMIX_SRC2
DRC1 Left (0x0C0)
DRC2 Left (0x0C2)
Dynamic Range
Controller
DRCnRMIX_VOL2
DRCnRMIX_VOL3
DRCnRMIX_VOL4
DRCnRMIX_VOL1
DRCnRMIX_SRC1
DRCnRMIX_SRC3
DRCnRMIX_SRC4
DRCnRMIX_SRC2
DRC1 Right (0x0C1)
DRC2 Right (0x0C3)
Dynamic Range
Controller
DRC
DRC
…
…
…
…
…
…
…
…
+
+
CS48L32 supports two stereo DRC blocks, i.e., n = 1 or 2
x_SRCn p. 45
x_VOLn p. 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More