| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS48L32 bảng dữ liệu(PDF) 46 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS48L32 bảng dữ liệu(HTML) 46 Page - Cirrus Logic |
|
46 / 192 page ![]() 46 Cirrus Logic DS1219F4 CS48L32 4.3 Digital Core Figure 4-16. Digital-Core Inputs 4.3.3 Digital-Core Output Mixers The digital core supports two audio serial port (ASP) interfaces. The output paths associated with ASP1–ASP2 are shown in Fig. 4-17. A four-input mixer is associated with each output. The four input sources are selectable in each case, and independent volume control is provided for each path. The ASP1–ASP2 output mixer control fields (see Fig. 4-17) are located at addresses 0x8200 through 0x833C. The full list of digital mixer control registers (0x8080–0x907C) is provided in Section 6. Generic register field definitions are provided in Table 4-10. The x_SRCn fields select the input sources for the respective mixers. Note that the selected input sources must be configured for the same sample rate as the mixer to which they are connected. Sample-rate conversion functions are available to support flexible interconnectivity; see Section 4.3.12. The sample rate for the output signal paths is configured using the applicable ASPn_RATE; see Table 4-21. Note that sample-rate conversion is required when routing the output signal paths to any signal chain that is configured for a different sample rate. The ASPn_RATE fields must not be changed if any of the respective x_SRCn fields is nonzero. The associated x_SRCn fields must be cleared before writing new values to ASPn_RATE. A minimum delay of 125 s must be allowed between clearing the x_SRCn fields and writing to the associated ASPn_RATE fields. See Table 4-21 for details. The ASPn output mixers provide full support for 32-bit data words. Audio samples of up to 32 bits are supported by the ASP functions. Note that other signal paths and signal-processing blocks within the digital core are limited to 24-bit data length; data samples are truncated to 24-bit length if they are routed through any function that does not support 32-bit data words. The CS48L32 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the output mixer paths. If the frequency is too low, an attempt to enable an output mixer path fails. Note that active signal paths are not affected under such circumstances. The status bits in registers 0x8080–0x907C indicate the status of each digital mixer. If an underclocked error condition occurs, these bits can be used to indicate which mixer paths have been enabled. Silence (mute) (0x000) IN1L signal path (0x010) IN1R signal path (0x011) IN2L signal path (0x012) IN2R signal path (0x013) ASP1 RX1 (0x020) ASP1 RX2 (0x021) ASP1 RX3 (0x022) ASP1 RX4 (0x023) ASP1 RX5 (0x024) ASP1 RX6 (0x025) ASP1 RX7 (0x026) ASP1 RX8 (0x027) ASP2 RX1 (0x030) ASP2 RX2 (0x031) ASP2 RX3 (0x032) ASP2 RX4 (0x033) Ultrasonic 1 (0x0D8) Ultrasonic 2 (0x0D9) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |