công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 75 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 75 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 71Page - Cirrus Logic CS48L32 Datasheet HTML 72Page - Cirrus Logic CS48L32 Datasheet HTML 73Page - Cirrus Logic CS48L32 Datasheet HTML 74Page - Cirrus Logic CS48L32 Datasheet HTML 75Page - Cirrus Logic CS48L32 Datasheet HTML 76Page - Cirrus Logic CS48L32 Datasheet HTML 77Page - Cirrus Logic CS48L32 Datasheet HTML 78Page - Cirrus Logic CS48L32 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 192 page
background image
DS1219F4
Cirrus Logic
75
CS48L32
4.4 DSP Firmware Control
4.4.2
DSP Firmware Memory and Register Mapping
The DSP firmware memory comprises program memory (P-memory) and two regions of data memory (X-memory and
Y-memory). Each memory (X, Y, or P) is arranged as a number of banks; the size of each is defined by the bank size and
the number or banks as shown in Table 4-23. The banked configuration enables each memory to support multiple
simultaneous read/write accesses.
The program memory is formatted as 40-bit words. Most of the processor functionality uses 20-bit instructions, but some
make use of the 40-bit width. Referenced to the CS48L32 register map, blocks of four 40-bit words are packed into five
32-bit registers.
The data memory is formatted as 24-bit words. Each of the data memories is mapped to three different locations of the
CS48L32 register map, with a different packing layout used in each case; this provides flexibility to access the data
memory in different ways according to the specific task that is being performed. Note that the three sections all represent
the same data—data that is written to one section can be read back either at the same address or at the corresponding
address within either of the other sections.
• In the packed data-memory, blocks of four 24-bit words are packed into three 32-bit registers. This tightly-packed
layout does not include any padding bits; it provides efficient access to the data memory, ideal for transfer of large
volumes of audio data.
• In the unpacked 24-bit memory, each 24-bit data word occupies one 32-bit register; the MSBs of each register are
unused. This layout is ideal for read/write access to individual 24-bit words.
• In the unpacked 32-bit memory, 32-bit data is supported in 32-bit registers. Each 32-bit data word uses the space
of two 24-bit words in the DSP memory. This provides support for 32-bit data within the 24-bit X- or Y-memory
regions. Note that the usable capacity of the data memory is reduced in this format, as some bits are not used.
The CS48L32 program- and data-register memory space is described in Table 4-25. The full register map listing is
provided in Section 6.
The DSP firmware memory is configured by writing to the registers referenced in Table 4-25. Note that clocking is not
required for access to the firmware registers by the host processor.
4.4.3
DSP Firmware Control
The configuration and control of the DSP firmware is described in the following subsections.
base address + 0x5E_0034
DSPn_SYS_INFO_LMS_FILTERS
5:0
DSPn_SYS_NUM_LMS_FILTERS[5:0] Number of LMS filters
base address + 0x5E_0038
DSPn_SYS_INFO_XM_BANK_SIZE
31:0
DSPn_SYS_XM_BANK_SIZE[31:0]
X-memory bank size (number of 24-bit words)
base address + 0x5E_003C
DSPn_SYS_INFO_YM_BANK_SIZE
31:0
DSPn_SYS_YM_BANK_SIZE[31:0]
Y-memory bank size (number of 24-bit words)
base address + 0x5E_0040
DSPn_SYS_INFO_PM_BANK_SIZE
31:0
DSPn_SYS_PM_BANK_SIZE[31:0]
P-memory bank size (number of 20-bit words)
Table 4-25. DSP Program, Data, and Coefficient Registers
DSP Number
Description
Register Address
Number of Registers
DSP Memory Size
DSP1
Program memory
0x380_0000–0x384_5FFC
71680
56k x 40-bit words
X-memory
Packed
Unpacked-24
Unpacked-32
0x200_0000–0x208_FFFC
0x280_0000–0x28B_FFFC
0x240_0000–0x245_FFFC
147456
196608
98304
192k x 24-bit words
192k x 24-bit words
96k x 32-bit words
Y-memory
Packed
Unpacked-24
Unpacked-32
0x2C0_0000–0x2C2_FFFC
0x340_0000–0x343_FFFC
0x300_0000–0x301_FFFC
49152
65536
32768
64k x 24-bit words
64k x 24-bit words
32k x 32-bit words
Table 4-24. DSP Configuration Definition (Cont.)
Register Address
Bit
Label
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com