công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 24 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 24 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 20Page - Cirrus Logic CS48L32 Datasheet HTML 21Page - Cirrus Logic CS48L32 Datasheet HTML 22Page - Cirrus Logic CS48L32 Datasheet HTML 23Page - Cirrus Logic CS48L32 Datasheet HTML 24Page - Cirrus Logic CS48L32 Datasheet HTML 25Page - Cirrus Logic CS48L32 Datasheet HTML 26Page - Cirrus Logic CS48L32 Datasheet HTML 27Page - Cirrus Logic CS48L32 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 192 page
background image
24
Cirrus Logic
DS1219F4
CS48L32
4.2 Input Signal Path
Figure 4-2. Input Signal Paths
4.2.1
Analog Microphone Input
Up to four analog microphones can be connected to the CS48L32, either in single-ended or differential configuration. The
input configuration and pin selection is controlled using the IN1x_SRC bits as described in Section 4.2.6.
For single-ended input, the microphone signal is connected to the noninverting input of the PGAs. The inverting inputs of
the PGAs are connected to an internal reference in this configuration.
For differential input, the noninverted microphone signal is connected to the noninverting input of the PGAs and the
inverted (or noisy ground) signal is connected to the inverting input pins.
The gain of the input PGAs is controlled via register settings, as defined in Section 4.2.6. Note that the input impedance
of the analog input paths is fixed across all PGA gain settings.
The ECM analog input configurations are shown in Fig. 4-3 and Fig. 4-4. The integrated MICBIAS generator provides a
low noise reference for biasing the ECMs.
ADC
ADC
DATA
CLK
IN1LN_1/IN1_PDMCLK
IN1LP_1/IN1_PDMDATA
IN1LP_2
IN1LN_2
IN1RN_1/IN2_PDMCLK
IN1RP_1/IN2_PDMDATA
IN1RP_2
IN1RN_2
DATA
CLK
IN1L
IN1R
Digital Mic
Interface
IN2L
IN2R
Digital Mic
Interface
IN1L_SRC[1:0] p. 30
IN1R_SRC[1:0] p. 31
IN2_OSR[2:0] p. 31
IN2_PDM_SUP[1:0] p. 31
IN1L_PGA_VOL[6:0] p. 31
IN1L_LP_MODE p. 30
IN1R_PGA_VOL[6:0] p. 31
IN1R_LP_MODE p. 31
IN_VD_RAMP[2:0] p. 32
IN_VI_RAMP[2:0] p. 32
IN1L_VOL[7:0] p. 32
IN1L_MUTE p. 32
IN1L_EN p. 28
IN1R_VOL[7:0] p. 32
IN1R_MUTE p. 32
IN1R_EN p. 28
IN2L_VOL[7:0] p. 32
IN2L_MUTE p. 32
IN2L_EN p. 28
IN2R_VOL[7:0] p. 32
IN2R_MUTE p. 32
IN2R_EN p. 28
IN_HPF_CUT[2:0] p. 31
IN1_MODE p. 30
IN1L_HPF p. 30
IN1R_HPF p. 31
IN2L_HPF p. 31
IN2R_HPF p. 31
IN1_OSR[2:0] p. 30
IN1_PDM_SUP[1:0] p. 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com