công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 61 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 61 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 57Page - Cirrus Logic CS48L32 Datasheet HTML 58Page - Cirrus Logic CS48L32 Datasheet HTML 59Page - Cirrus Logic CS48L32 Datasheet HTML 60Page - Cirrus Logic CS48L32 Datasheet HTML 61Page - Cirrus Logic CS48L32 Datasheet HTML 62Page - Cirrus Logic CS48L32 Datasheet HTML 63Page - Cirrus Logic CS48L32 Datasheet HTML 64Page - Cirrus Logic CS48L32 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 192 page
background image
DS1219F4
Cirrus Logic
61
CS48L32
4.3 Digital Core
For details of the DSP firmware requirements relating to clocking, register access, and code execution, refer to
Section 4.4.
Figure 4-22. Digital-Core DSP Block
The DSP1 mixer input control fields (see Fig. 4-22) are located at addresses 0x9000 through 0x907C.
The full list of digital mixer control registers (0x8080–0x907C) is provided in Section 6. Generic register field definitions
are provided in Table 4-10.
The x_SRCn fields select the input sources for the DSP processing block. Note that the selected input sources must be
configured for the same sample rate as the DSP. Sample-rate conversion functions are available to support flexible
interconnectivity; see Section 4.3.12.
The hexadecimal numbers in Fig. 4-22 indicate the corresponding x_SRCn setting for selection of that signal as an input
to another digital-core function.
The sample rate for each DSP input channel is configured using DSP1_RXm_RATE. The sample rate for each DSP output
channel is configured using DSP1_TXm_RATE. See Table 4-21 for a definition of these fields. Sample-rate conversion is
required when routing the DSP signal paths to any signal chain that is configured for a different sample rate.
The DSP1_RXm_RATE fields must not be changed if any of the respective x_SRCn fields is nonzero. The associated x_
SRCn fields must be cleared before writing new values to DSP1_RXm_RATE. A minimum delay of 125
s must be allowed
between clearing the x_SRCn fields and writing to the DSP1_RXm_RATE field. See Table 4-21 for details.
The CS48L32 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the required
DSP mixing functions. If the frequency is too low, an attempt to enable a DSP mixer path fails. Note that active signal paths
are not affected under such circumstances.
The status bits in registers 0x8080–0x907C indicate the status of each digital mixer. If an underclocked error condition
occurs, these bits can be used to indicate which mixer paths have been enabled.
4.3.8
Tone Generator
The CS48L32 incorporates a tone generator that can be used for beep functions through any of the audio signal paths.
The tone generator provides two 1 kHz outputs, with configurable phase relationship, offering flexibility to create
differential signals or test scenarios.
DSP1
DSP1 Channel 1 (0x100)
DSP1 Channel 2 (0x101)
DSP1 Channel 3 (0x102)
DSP1 Channel 4 (0x103)
DSP1 Channel 5 (0x104)
DSP1 Channel 6 (0x105)
+
…
…
…
…
DSP1 RX2..RX8 input
mixers and volume control
DSP1 Channel 7 (0x106)
DSP1 Channel 8 (0x107)
DSP1RXn_SRC1
DSP1RXn_SRC3
DSP1RXn_SRC4
DSP1RXn_SRC2
DSP1_RXnMIX_VOL2
DSP1_RXnMIX_VOL3
DSP1_RXnMIX_VOL4
DSP1_RXnMIX_VOL1
x_SRCn p. 45
x_VOLn p. 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com