| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS48L32 bảng dữ liệu(PDF) 98 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS48L32 bảng dữ liệu(HTML) 98 Page - Cirrus Logic |
|
98 / 192 page ![]() 98 Cirrus Logic DS1219F4 CS48L32 4.5 DSP Peripheral Control The SPI2_SIO_SWITCH field enables the interface to switch between one-bit and multibit operation during a single transaction—the interface starts in one-bit mode (e.g., to send a command byte), then switches to multibit operation after a defined number of SCK cycles. Typical connections for the SPI master interface are illustrated in Fig. 4-30, Fig. 4-31, and Fig. 4-32. Note that the external connections associated with the SPI master interface (SPI2) are implemented on multifunction GPIO pins, which must be configured for the respective functions when required. See Section 4.10 to configure the GPIO pins for SPI2 operation. The SPI master interface supports write (TX), read (RX), and write-then-read (TX-RX) transactions. The TX-RX transaction is typically used to read data from a slave device—the TX phase is used to send command words to the slave, and the RX phase is used to receive the respective data words. The SPI interface can provide dummy cycles between the TX phase and the RX phase of a write-then-read transaction; these additional SCK cycles enable flexible support for different slave devices. The number of dummy cycles is configured using SPI2_DUMMY_CYCLE. Note this is valid for write-then-read commands only; SPI2_DUMMY_CYCLE has no effect on other commands. As many as eight data bits within the dummy-cycle phase can be actively driven and controlled if required. The drive status and logic level of these bits are controlled using SPI2_DUMMY_DRV and SPI2_DUMMY_DATA as described in Table 4-34. Note that, depending on the number of dummy cycles and the SIOn data width, there may be more than or less than eight data slots available during the dummy cycles; the interface provides control for the first eight bit slots only. Figure 4-30. 3-Wire Mode Figure 4-31. 4-Wire Mode Figure 4-32. Quad-SPI, Multiple-Slave Configuration SPI2_SCK SPI2_SIO0 SPI2_SS Flash Memory CS48L32 SPI2_SCK SPI2_SIO0 (MOSI) SPI2_SS SPI2_SIO1 (MISO) Flash Memory CS48L32 SPI2_SCK SPI2_SIO0 SPI2_SS4 SPI2_SIO1 SPI2_SIO2 SPI2_SIO3 Flash Memory or other accessory SPI2_SS3 Flash Memory or other accessory Flash Memory or other accessory Flash Memory or other accessory SPI2_SS2 SPI2_SS1 SS SIO0–3 SCK SS SIO0–3 SCK SS SIO0–3 SCK SS SIO0–3 SCK CS48L32 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |