| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS48L32 bảng dữ liệu(PDF) 25 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS48L32 bảng dữ liệu(HTML) 25 Page - Cirrus Logic |
|
25 / 192 page ![]() DS1219F4 Cirrus Logic 25 CS48L32 4.2 Input Signal Path Pseudodifferential connection is also possible—this is similar to the configuration shown in Fig. 4-4, but the GND connection is directly to the microphone (and IN1xN capacitor), instead of via a resistor. The typical connections for pseudodifferential input are shown in Fig. 4-5. Analog MEMS microphones can be connected to the CS48L32 in a similar manner to the ECM configurations. Typical configurations are shown in Fig. 4-6 and Fig. 4-7. In this configuration, the integrated MICBIAS generator provides a low-noise power supply for the microphones. Note: The VOUT_MIC pin can also be used (instead of MICBIAS) as a reference or power supply for external microphones. The MICBIAS outputs are recommended, because they offer better noise performance and independent enable/disable control. Figure 4-3. Single-Ended ECM Input Figure 4-4. Differential ECM Input Figure 4-5. Pseudodifferential ECM Input Figure 4-6. Single-Ended MEMS Input Figure 4-7. Differential MEMS Input To ADC VREF IN1LN, IN1RN IN1LP, IN1RP ECM GND MICBIAS PGA + – To ADC VREF ECM GND MICBIAS PGA + – IN1LN, IN1RN IN1LP, IN1RP To ADC VREF ECM GND MICBIAS PGA + – IN1LN, IN1RN IN1LP, IN1RP To ADC VREF MEMS Mic MICBIAS VDD OUT GND GND PGA + – IN1LN, IN1RN IN1LP, IN1RP To ADC VREF MEMS Mic MICBIAS VDD OUT-P GND GND OUT-N PGA + – IN1LN, IN1RN IN1LP, IN1RP |