công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 93 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 93 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 89Page - Cirrus Logic CS48L32 Datasheet HTML 90Page - Cirrus Logic CS48L32 Datasheet HTML 91Page - Cirrus Logic CS48L32 Datasheet HTML 92Page - Cirrus Logic CS48L32 Datasheet HTML 93Page - Cirrus Logic CS48L32 Datasheet HTML 94Page - Cirrus Logic CS48L32 Datasheet HTML 95Page - Cirrus Logic CS48L32 Datasheet HTML 96Page - Cirrus Logic CS48L32 Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 192 page
background image
DS1219F4
Cirrus Logic
93
CS48L32
4.5 DSP Peripheral Control
4.5.4
DSP GPIO
The DSP GPIO function provides an advanced I/O capability, supporting enhanced flexibility for signal-processing
applications.
4.5.4.1
Overview
The CS48L32 supports up to 16 GPIO pins, which can be assigned to application-specific functions. There are two
dedicated GPIO pins; the remaining GPIOs are implemented as alternate functions to a pin-specific capability.
The GPIOs can be used to provide status outputs and control signals to external hardware; the supported functions include
interrupt output, FLL clock output, and PWM-coded audio channels; see Section 4.10.
The GPIOs can support miscellaneous logic input and output, interfacing directly with the integrated DSP, or with the host
application software. A basic level of I/O functionality is described in Section 4.10, under the configuration where GPn_
FN = 0x001. The GPn_FN field selects the functionality for the respective pin, GPIOn.
The DSP GPIO pins are accessed using maskable sets of I/O control registers; this allows the selected combinations of
GPIOs to be controlled with ease, regardless of how the allocation of GPIO pins has been implemented in hardware. In a
typical use case, one GPIO mask is defined for each DSP function; this provides a highly efficient mechanism for the DSP
to independently access the respective input and output signals.
4.5.4.2
DSP GPIO Control
The DSP GPIO function is selected by setting GPn_FN = 0x002 for the respective GPIO pin (where n identifies the
applicable GPIOn pin).
Each DSP GPIO is controlled using bits that determine the direction (input/output) and the logic state (0/1) of the pin. These
bits are replicated in eight control sets; each which can determine the logic level of any DSP GPIO.
Mask bits are provided within each control set, to determine which of the control sets has control of each DSP GPIO. To
avoid logic contention, a DSP GPIO output must be controlled (unmasked) in a maximum of one control set at any time.
Note that write access to the direction control bits (DSPGPn_SETx_DIR) and level control bits (DSPGPn_SETx_LVL) is
only valid when the channel (DSPGPn) is unmasked in the respective control set. Writes to these fields are implemented
for the unmasked DSP GPIOs, and are ignored in respect of the masked DSP GPIOs. Note that the level control bits
(DSPGPn_SETx_LVL) provide output level control only—they cannot be used to read the status of DSP GPIO inputs.
The logic level of the unmasked DSP GPIO outputs in any control set can be configured using a single register write.
Writing to the output level control registers determines the logic level of the unmasked DSP GPIOs in that set only; all other
outputs are unaffected.
DSP GPIO status bits are provided, indicating the logic level of every input or output pin that is configured as a DSP GPIO.
The DSPGPn_STS bits also provide logic-level indication for any pin that is configured as a GPIO input, with GPn_
FN = 0x001.Note that there is only one set of DSP GPIO status bits.
base address + 0x14
TIMERn_COUNT_
READBACK
31:0 TIMERn_CUR_
COUNT[31:0]
0x0000 Timer Current Count value
base address + 0x18
TIMERn_DSP_
CLOCK_CONFIG
15:0 TIMERn_
DSPCLK_FREQ_
SEL[15:0]
0x0000 Timer Reference Frequency Select (valid if TIMERn_REFCLK_SRC = 0x0)
Coded as LSB = 1/64 MHz, Valid from 5.6 MHz to 148 MHz.
The timer reference frequency must be less than or equal to the SYSCLK
frequency. The timer reference is generated by division of SYSCLK, and may differ
from the selected frequency. The timer reference frequency can be read from
TIMERn_DSPCLK_FREQ_STS.
Timer must be stopped (TIMERn_RUNNING_STS=0) when updating this field.
base address + 0x1C
TIMERn_DSP_
CLOCK_STATUS
15:0 TIMERn_
DSPCLK_FREQ_
STS[15:0]
0x0000 Timer Reference Frequency (Read only)
Only valid if TIMERn_REFCLK_SRC = 0x0.
Coded as LSB = 1/64 MHz.
Table 4-32. General-Purpose Timer (TIMERn) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com