công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 73 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 73 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 69Page - Cirrus Logic CS48L32 Datasheet HTML 70Page - Cirrus Logic CS48L32 Datasheet HTML 71Page - Cirrus Logic CS48L32 Datasheet HTML 72Page - Cirrus Logic CS48L32 Datasheet HTML 73Page - Cirrus Logic CS48L32 Datasheet HTML 74Page - Cirrus Logic CS48L32 Datasheet HTML 75Page - Cirrus Logic CS48L32 Datasheet HTML 76Page - Cirrus Logic CS48L32 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 192 page
background image
DS1219F4
Cirrus Logic
73
CS48L32
4.4 DSP Firmware Control
The DSP is designed specifically for audio applications, employing a small gate-count architecture to support an optimized
mix of processing features while fulfilling a low power-consumption requirement. The instruction set is highly efficient and
targeted, with a high degree of parallelism and efficient multicore integration to reduce power consumption and increase
processing speed.
The DSP core incorporates two data memories supporting high-bandwidth access: parallel memory access can fetch two
short (24-bit) operands per memory per cycle; simultaneous memory access enables up to four 24-bit accesses per clock
cycle. Multiple data formats are supported, including basic 24-bit register and 56-bit accumulator. Native support for 48-bit
double-precision calculations is also provided.
The DSP core is supported by an interrupt controller (up to 24 inputs), JTAG debugger, memory protection unit (MPU) with
error-trace stack, and watchdog timer. Arbitrated multiple-access to the program and data memories is provided, with
support for configurable FFT, FIR, LMS, and linear/dB-conversion accelerators. Note that different instances of the Halo
Core DSP may provide different feature sets; specific details for the CS48L32 are provided in Section 4.4.1.
To use the programmable DSP, the required firmware configuration must first be loaded onto the device by writing the
appropriate files to the CS48L32 register map; the firmware configuration comprises program and data memory contents.
After loading the DSP firmware, the DSP functions must be enabled using the associated control fields.
Details of the DSP firmware memory registers are provided in Section 4.4.2. Note that the WISCE evaluation board control
software provides support for loading the CS48L32 program and data memories. A software programming guide can be
provided to assist users in developing their own software algorithms—please contact your Cirrus Logic representative for
further information.
The audio signal paths to and from the DSP processing block are configured as described in Section 4.3. Note that the
DSP firmware must be loaded and enabled before audio signal paths can be enabled.
4.4.1
DSP Configuration Definition
The Halo Core DSP uses an adaptable design that can be tailored to suit different target applications. Each instance of
the DSP (either on a single device, or from one device to another) may offer different capabilities in terms of memory size,
hardware accelerators, and other features.
The parameters defining the CS48L32 Halo Core DSP are described in Table 4-23.
Table 4-23. Halo Core DSP Definition
Description
DSP1
Start address in device register map
0x200_0000
X-memory bank size (number of 48-bit words)
4096
Y-memory bank size (number of 48-bit words)
4096
P-memory bank size (number of 40-bit words)
8192
Boot-memory bank size (number of 40-bit words)
8192
Address offset for PM (packed)
0x0180_0000
Address offset for XM (packed, 32-bit)
0x0000_0000
Address offset for YM (packed, 32-bit)
0x00C0_0000
Address offset for XM (unpacked, 24-bit)
0x0080_0000
Address offset for YM (unpacked, 24-bit)
0x0140_0000
Address offset for XM (unpacked, 32-bit)
0x0040_0000
Address offset for YM (unpacked, 32-bit)
0x0100_0000
Number of external debug triggers
0
JTAG debug ID
1
Maximum clock speed
100 MHz
Accelerator functions—dB/linear converters
Yes
LMS (least mean square) filters
5
FIR (finite impulse response) filters
8
FFT (fast Fourier transform) accelerators
Yes
MIPS profiler
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com