công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 86 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 86 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 82Page - Cirrus Logic CS48L32 Datasheet HTML 83Page - Cirrus Logic CS48L32 Datasheet HTML 84Page - Cirrus Logic CS48L32 Datasheet HTML 85Page - Cirrus Logic CS48L32 Datasheet HTML 86Page - Cirrus Logic CS48L32 Datasheet HTML 87Page - Cirrus Logic CS48L32 Datasheet HTML 88Page - Cirrus Logic CS48L32 Datasheet HTML 89Page - Cirrus Logic CS48L32 Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
86
Cirrus Logic
DS1219F4
CS48L32
4.5 DSP Peripheral Control
4.5.2
Alarm Generator
The CS48L32 alarm-generator circuit is associated with the general-purpose timers. It can be used to generate interrupt
events according to the count value of the timer. The alarm interrupts can be either one-off events, or can be configured
for cyclic (repeated) triggers. One alarm generator is provided, supporting up to four outputs.
4.5.2.1
Alarm Control
An alarm is enabled by writing 1 to the ALM1_CHx_START bit (where x identifies the channel number, 1–4). An alarm is
disabled by writing 1 to ALM1_CHx_STOP.
The alarm status is indicated using ALM1_CHx_STS. Note that this indicates the status of the alarm-generator function
only—it does not provide indication of an alarm event.
The timer (and time-stamp source) associated with each alarm generator is selected using ALM1_TIMER_SRC. Note that
all ALM1 channels must be stopped (ALM1_CHx_STS = 0) when updating the timer source. See Section 4.5.3 for details
of the general-purpose timers.
The operating mode of each alarm channel is configured using ALM1_CHx_TRIG_MODE. In each case, the alarm events
are controlled by the alarm-trigger value, ALM1_CHx_TRIG_VAL.
• In Absolute Mode, the alarm output is triggered when the timer count value is equal to the alarm trigger value.
• In Relative Mode, the alarm output is triggered when the timer count value has incremented by a number equal to
the alarm trigger value—this mode counts the number of clock cycles after the ALM1_CHx_START bit is written.
• In Combination Mode, the alarm output is initially triggered as described for the Absolute Mode; the alarm then
operates as described for the Relative Mode.
When the alarm output is triggered, an output signal is asserted for the respective alarm. The alarm output can be used
to trigger an interrupt event or to generate an external signal via a GPIO pin, as described in Section 4.5.2.2.
The ALM1_CHx_CONT bit configures the alarm channel for once-only event or for continuous/repeated operation.
If an alarm channel is enabled and an update is written to ALM1_CHx_TRIG_VAL or ALM1_CHx_PULSE_DUR, the new
value is loaded into the respective control register, but does not reconfigure the alarm immediately. If the ALM1_CHx_UPD
bit is set, the alarm-trigger and pulse-duration values are updated when the alarm is next triggered. The alarm-trigger and
pulse-duration settings can also be updated by writing 1 to ALM1_CHx_START.
Note that, if an alarm channel is enabled, the general-purpose timer associated with that alarm must be configured for
continuous, count-up operation. The applicable TIMERn_MAX_COUNT value must be greater than the ALM1_CHx_
TRIG_VAL setting.
4.5.2.2
Interrupts and GPIO Output
The alarm generator provides input to the interrupt control circuit and can be used to trigger an interrupt event when the
alarm-trigger conditions are met. An interrupt event is triggered on the rising edge of the alarm output signal. See
Section 4.9 for details of the CS48L32 interrupt controller.
0x114 GPIO7
0x2EE DSP1 profiler Out 1 done
0x359 DSP1 LMS 2 done
0x116 GPIO8
0x2F5 DSP1 watchdog expire
0x35A DSP1 LMS 3 done
0x160 Event Log 1 full
0x2F7 DSP1 memory protection unit error
0x35B DSP1 LMS 4 done
0x168 Event Log 1 watermark
0x2F8 DSP1 trace buffer stack error
0x36F DSP1 GP Interrupt 0
0x1E0 SPI2 done
0x2FA DSP1 FIR error
0x370 DSP1 GP Interrupt 1
0x1E1 SPI2 overclocked
0x2FB DSP1 FIR done
0x371 DSP1 GP Interrupt 2
0x1E2 SPI2 block
0x2FC DSP1 FIR Filter 0 done
0x372 DSP1 GP Interrupt 3
0x1E3 SPI2 stalling
Table 4-30. Event Logger Input Sources (Cont.)
ID
Description
ID
Description
ID
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com