công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 44 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 44 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 40Page - Cirrus Logic CS48L32 Datasheet HTML 41Page - Cirrus Logic CS48L32 Datasheet HTML 42Page - Cirrus Logic CS48L32 Datasheet HTML 43Page - Cirrus Logic CS48L32 Datasheet HTML 44Page - Cirrus Logic CS48L32 Datasheet HTML 45Page - Cirrus Logic CS48L32 Datasheet HTML 46Page - Cirrus Logic CS48L32 Datasheet HTML 47Page - Cirrus Logic CS48L32 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 192 page
background image
44
Cirrus Logic
DS1219F4
CS48L32
4.3 Digital Core
Figure 4-15. Digital Core
4.3.1
Digital-Core Mixers
The CS48L32 provides an extensive digital mixing capability. The digital-core mixing and signal-processing blocks are
shown in Fig. 4-15. A four-input digital mixer is associated with many of these functions, as shown. The digital mixer circuit
is identical in each instance, providing up to four selectable input sources, with independent volume control on each input.
The control registers associated with the digital-core signal paths are shown in Fig. 4-16–Fig. 4-27. The full list of digital
mixer control registers (0x8080–0x907C) is provided in Section 6.
Further description of the associated control registers is provided throughout Section 4.3. Generic register field definitions
are provided in Table 4-10.
The digital mixer input sources are selected using the associated x_SRCn fields; the volume control is implemented via
the associated x_VOLn fields.
The ISRC input functions support selectable input sources, but do not incorporate any digital mixing. The respective input
source (x_SRCn) fields are identical to those of the digital mixers.
+
(GPIO pin)
PWM
PWM1
PWM2
Tone Generator 1
Tone Generator
Tone Generator 2
Noise Generator
White Noise
Generator
Ultrasonic 1 path
Ultrasonic 2 path
IN1L signal path
IN1R signal path
IN2L signal path
IN2R signal path
+
EQn
EQ
EQ1
EQ2
EQ3
EQ4
+
LHPFn
LHPF
LHPF1
LHPF2
LHPF3
LHPF4
DRCn
Left
DRCn
Right
DRC
DRC1
DRC2
+
+
ISRC1 INT1
ISRC1 INT2
ISRC1 DEC1
ISRC1 DEC2
ISRC1 INT3
ISRC1 INT4
ISRC1 DEC3
ISRC1 DEC4
Isochronous
Sample Rate
Converter (ISRC)
ISRC1
ISRCn DEC1
ISRCn DEC2
ISRC3
Isochronous
Sample Rate
Converter (ISRC)
ISRC2
ISRCn INT2
ISRCn INT1
DSP1 Ch 1
DSP1 Ch 2
DSP1 Ch 3
DSP1 Ch 4
DSP1 Ch 5
DSP1 Ch 6
DSP1
DSP1 Ch 7
DSP1 Ch 8
+
DSP Core
+
ASPn TX1 output
+
ASPn TX2 output
ASPn RX1
ASP1 = 8 input, 8 output
ASP2 = 4 input, 4 output
ASP2
ASP1
etc.
ASPn RX2
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More