| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS48L32 bảng dữ liệu(PDF) 95 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS48L32 bảng dữ liệu(HTML) 95 Page - Cirrus Logic |
|
95 / 192 page ![]() DS1219F4 Cirrus Logic 95 CS48L32 4.5 DSP Peripheral Control 4.5.4.4 DSP GPIO Block Diagram and Control Registers Figure 4-29. DSP GPIO Control Input/output select Output level control Mask control DSPGPn_SET2_LVL DSPGPn_SET2_DIR DSPGPn_SET2_MASK Input/output select Output level control Mask control DSPGPn_SET3_LVL DSPGPn_SET3_DIR DSPGPn_SET3_MASK Input/output select Output level control Mask control DSPGPn_SET4_LVL DSPGPn_SET4_DIR DSPGPn_SET4_MASK Input/output select Output level control Mask control DSPGPn_SET1_LVL DSPGPn_SET1_DIR DSPGPn_SET1_MASK DSP GPIO readback DSPGPn_STS GPn_FN = 0x002 GPIO output control GPn_FN = 0x001 Pin-specific function GPn_FN = 0x000 Other GPIO functions GPIOn GPn_FN > 0x002 Input/output select Output level control Mask control DSPGPn_SET6_LVL DSPGPn_SET6_DIR DSPGPn_SET6_MASK Input/output select Output level control Mask control DSPGPn_SET7_LVL DSPGPn_SET7_DIR DSPGPn_SET7_MASK Input/output select Output level control Mask control DSPGPn_SET8_LVL DSPGPn_SET8_DIR DSPGPn_SET8_MASK Input/output select Output level control Mask control DSPGPn_SET5_LVL DSPGPn_SET5_DIR DSPGPn_SET5_MASK These bits have no effect if GPn_FN = 0x000 or 0x002. Valid for GPn_STS readback and GPIO IRQ event trigger only. These bits have no effect if GPn_FN = 0x000 or 0x002. If GPn_FN = 0x000, pin direction is set automatically . If GPn_FN = 0x002, pin direction is set by DSPGPn _SETx_DIR. GPIO input readback GPn_LVL p. 139 GPn_FN[9:0] p. 139 GPn_DB p. 139 GPn_DIR p. 139 GPn_PU p. 139 GPn_PD p. 139 GPn_POL p. 139 GPn_OP_CFG p. 139 GP1_STS p. 138 |