công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 48 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 48 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 44Page - Cirrus Logic CS48L32 Datasheet HTML 45Page - Cirrus Logic CS48L32 Datasheet HTML 46Page - Cirrus Logic CS48L32 Datasheet HTML 47Page - Cirrus Logic CS48L32 Datasheet HTML 48Page - Cirrus Logic CS48L32 Datasheet HTML 49Page - Cirrus Logic CS48L32 Datasheet HTML 50Page - Cirrus Logic CS48L32 Datasheet HTML 51Page - Cirrus Logic CS48L32 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 192 page
background image
48
Cirrus Logic
DS1219F4
CS48L32
4.3 Digital Core
Figure 4-18. Digital-Core EQ Blocks
The EQ1–EQ4 mixer control fields (see Fig. 4-18) are located at addresses 0x8B80 through 0x8BBC.
The full list of digital-mixer control registers (0x8080–0x907C) is provided in Section 6. Generic register field definitions
are provided in Table 4-10.
The x_SRCn fields select the input sources for the respective EQ processing blocks. Note that the selected input sources
must be configured for the same sample rate as the EQ to which they are connected. Sample-rate conversion functions
are available to support flexible interconnectivity; see Section 4.3.12.
The hexadecimal numbers in Fig. 4-18 indicate the corresponding x_SRCn setting for selection of that signal as an input
to another digital-core function.
The sample rate for the EQ function is configured using FX_RATE; see Table 4-21. Note that the EQ, DRC, and LHPF
functions must be configured for the same sample rate. Sample-rate conversion is required when routing the EQ signal
paths to any signal chain that is configured for a different sample rate.
The FX_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn fields
must be cleared before writing a new value to FX_RATE. A minimum delay of 125
s must be allowed between clearing
the x_SRCn fields and writing to FX_RATE. See Table 4-21 for details.
The cut-off or center frequencies for the five-band EQ are set by using the coefficients held in the registers identified in
Table 4-11. These coefficients are derived using tools provided in Cirrus Logic’s WISCE™ evaluation-board control
software; please contact your Cirrus Logic representative for details.
Table 4-11. EQ Coefficient Registers
EQ
Register Addresses
EQ1
0xA818–0xA850
EQ2
0xA85C–0xA894
EQ3
0xA8A0–0xA8D8
EQ4
0xA8E4–0xA91C
EQnMIX_VOL2
EQnMIX_VOL3
EQnMIX_VOL4
EQnMIX_VOL1
EQn_SRC1
EQn_SRC3
EQn_SRC4
EQn_SRC2
EQ1 (0x0B8)
EQ2 (0x0B9)
EQ3 (0x0BA)
EQ4 (0x0BB)
Five-band Equalizer
+
EQ
…
…
…
…
CS48L32 supports four EQ blocks, i.e., n = 1–4
x_SRCn p. 45
x_VOLn p. 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com