công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS48L32 bảng dữ liệu(PDF) 103 Page - Cirrus Logic

tên linh kiện CS48L32
Giải thích chi tiết về linh kiện  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 bảng dữ liệu(HTML) 103 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 99Page - Cirrus Logic CS48L32 Datasheet HTML 100Page - Cirrus Logic CS48L32 Datasheet HTML 101Page - Cirrus Logic CS48L32 Datasheet HTML 102Page - Cirrus Logic CS48L32 Datasheet HTML 103Page - Cirrus Logic CS48L32 Datasheet HTML 104Page - Cirrus Logic CS48L32 Datasheet HTML 105Page - Cirrus Logic CS48L32 Datasheet HTML 106Page - Cirrus Logic CS48L32 Datasheet HTML 107Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 192 page
background image
DS1219F4
Cirrus Logic
103
CS48L32
4.5 DSP Peripheral Control
R1067024 (0x104810)
SPI2_SPI_CONFIG1
27:24 SPI2_SS_IDLE_
DUR[3:0]
0x0
SPI2 slave select (SS) idle duration
Minimum idle time between successive transactions, measured with
respect to SCK cycle time.
0x0 = 0.5 cycles
0x1 = 0.5 cycles
0x2 = 1.0 cycle
0x3 = 1.5 cycles
0x4 = 2.0 cycles
...
0xF = 7.5 cycles
19:16 SPI2_SS_DELAY_
DUR[3:0]
0x0
SPI2 slave select (SS) delay duration
Time between asserting SS and the first data bit, also the time between
the last data bit and deasserting SS, each measured with respect to SCK
cycle time.
0x0 = 0.5 cycles
0x1 = 0.5 cycles
0x2 = 1.0 cycle
0x3 = 1.5 cycles
0x4 = 2.0 cycles
...
0xF = 7.5 cycles
8
SPI2_3WIRE
0
SPI2 three-wire mode
Configures the SIO0 data pin for bidirectional data input/output. Only valid
if SPI2_SIO_WIDTH = 0.
0 = 4-wire Mode (SIO0 is MOSI, SIO1 is MISO)
1 = 3-wire Mode (SIO0 is bidirectional MOSI/MISO)
6
SPI2_DPHA
0
SPI2 data (SIOn) phase control
0 = RX data is valid 180 degrees (half SCK cycle) after TX data valid
1 = RX data is valid 360 degrees (full SCK cycle) after TX data valid
5
SPI2_CPHA
0
SPI2 clock (SCK) phase control
0 = TX data is valid on odd-numbered SCK edges (1, 3, 5, etc.)
1 = TX data is valid on even-numbered SCK edges (2, 4, 6, etc.)
4
SPI2_CPOL
0
SPI2 clock (SCK) polarity control
0 = SCK idle state is Logic 0
1 = SCK idle state is Logic 1
2:0
SPI2_SS_SEL[2:0]
000
SPI2 slave select (SS) control
Selects the active SS pin. The active SS pin is asserted (Logic 0) at the
start of the transaction and deasserted (Logic 1) at the end of the
transaction.
000 = SPI2_SS1
001 = SPI2_SS2
010 = SPI2_SS3
011 = SPI2_SS4
All other codes are reserved.
R1067028 (0x104814)
SPI2_SPI_CONFIG2
0
SPI2_SS_FRC
0
SPI2 slave select (SS) force
Forces the active SS pin to be asserted (Logic 0).
0 = Normal
1 = SS asserted (Logic 0)
R1067044 (0x104824)
SPI2_SPI_CONFIG3
16
SPI2_STALL_EN
0
SPI2 stall control
0 = Disabled
1 = Enabled
This bit should be set at all times.
Table 4-34. SPI2 Master Interface Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com