| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH79F024XU bảng dữ liệu(PDF) 8 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F024XU bảng dữ liệu(HTML) 8 Page - SINOWEALTH Electronic Ltd |
|
8 / 92 page ![]() SH79F SH79F SH79F SH79F082 082 082 082 8 Table Table Table Table 6.3 6.3 6.3 6.3 Flash control SFRs Table Table Table Table 6. 6. 6. 6.4 4 4 4 WDT SFR **** Note: Note: Note: Note: RSTSTAT initial value is determined by different RESET. Mnem Mnem Mnem Mnem Add Add Add Add Name Name Name Name POR/WDT/LVR POR/WDT/LVR POR/WDT/LVR POR/WDT/LVR ////PIN PIN PIN PIN Reset Reset Reset Reset Value Value Value Value Bit7 Bit7 Bit7 Bit7 Bit6 Bit6 Bit6 Bit6 Bit5 Bit5 Bit5 Bit5 Bit4 Bit4 Bit4 Bit4 Bit3 Bit3 Bit3 Bit3 Bit2 Bit2 Bit2 Bit2 Bit1 Bit1 Bit1 Bit1 Bit0 Bit0 Bit0 Bit0 XPAGE F7h Memory Page 00000000 XPAGE.7 XPAGE.6 XPAGE.5 XPAGE.4 XPAGE.3 XPAGE.2 XPAGE.1 XPAGE.0 IB_OFF SET FBh Low byte offset of flash memory for programming 00000000 IB_OFF SET.7 IB_OFF SET.6 IB_OFF SET.5 IB_OFF SET.4 IB_OFF SET.3 IB_OFF SET.2 IB_OFF SET.1 IB_OFF SET.0 IB_DATA FCh Data Register for programming flash memory 00000000 IB_DATA.7 IB_DATA.6 IB_DATA.5 IB_DATA.4 IB_DATA.3 IB_DATA.2 IB_DATA.1 IB_DATA.0 IB_CON1 F2h Flash Memory Control Register 1 00000000 IB_CON1.7 IB_CON1.6 IB_CON1.5 IB_CON1.4 IB_CON1.3 IB_CON1.2 IB_CON1.1 IB_CON1.0 IB_CON2 F3h Flash Memory Control Register 2 ----0000 - - - - IB_CON2.3 IB_CON2.2 IB_CON2.1 IB_CON2.0 IB_CON3 F4h Flash Memory Control Register 3 ----0000 - - - - IB_CON3.3 IB_CON3.2 IB_CON3.1 IB_CON3.0 IB_CON4 F5h Flash Memory Control Register 4 ----0000 - - - - IB_CON4.3 IB_CON4.2 IB_CON4.1 IB_CON4.0 IB_CON5 F6h Flash Memory Control Register 5 ----0000 - - - - IB_CON5.3 IB_CON5.2 IB_CON5.1 IB_CON5.0 FLASHCON A7h Flash access control -------0 - - - - - - - FAC Mnem Mnem Mnem Mnem Add Add Add Add Name Name Name Name POR/WDT/LVR POR/WDT/LVR POR/WDT/LVR POR/WDT/LVR ////PIN PIN PIN PIN Reset Reset Reset Reset Value Value Value Value Bit7 Bit7 Bit7 Bit7 Bit6 Bit6 Bit6 Bit6 Bit5 Bit5 Bit5 Bit5 Bit4 Bit4 Bit4 Bit4 Bit3 Bit3 Bit3 Bit3 Bit2 Bit2 Bit2 Bit2 Bit1 Bit1 Bit1 Bit1 Bit0 Bit0 Bit0 Bit0 RSTSTAT B1h Watchdog Timer Control *-***000 WDOF - PORF LVRF CLRF WDT.2 WDT.1 WDT.0 |