công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 19Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 20Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 21Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 22Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 23Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 24Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 25Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 26Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
Table 11-4 shows the encoding for the request type.
Table 11-4. Request Type Encoding
LR1–LR4
NAME
DESCRIPTION
0000
Reserved
Reserved
0001
Immed_Req
Immediate request. On detection of idle, the PHY arbitrates for the bus.
0010
Next_Even
Next even request. The PHY arbitrates for the bus to send an asynchronous packet in the even fairness
interval phase.
0011
Next_Odd
Next odd request. The PHY arbitrates for the bus to send an asynchronous packet in the odd fairness
interval phase.
0100
Current
Current request. The PHY arbitrates for the bus to send an asynchronous packet in the current fairness
interval.
0101
Reserved
Reserved
0110
Isoch_Req_Even
Isochronous even request. The PHY arbitrates for the bus to send an isochronous packet in the even
isochronous period.
0111
Isoch_Req_Odd
Isochronous odd request. The PHY arbitrates for the bus to send an isochronous packet in the odd
isochronous period.
1000
Cyc_Start_Req
Cycle start request. The PHY arbitrates for the bus to send a cycle start packet.
1001
Reserved
Reserved
1010
Reg_Read
Register read request. The PHY returns the specified register contents through a status transfer.
1011
Reg_Write
Register write request. Write to the specified register in the PHY.
1100
Isoch_Phase_Even Isochronous phase even notification. The link reports to the PHY that:
1) A cycle start packet has been received.
2) The link has set the isochronous phase to even.
1101
Isoch_Phase_Odd
Isochronous phase odd notification. The link reports to the PHY that:
1) A cycle start packet has been received.
2) The link has set the isochronous phase to odd.
1110
Cycle_Start_Due
Cycle start due notification. The link reports to the PHY that a cycle start packet is due for reception.
1111
Reserved
Reserved
For a bus request, the length of the LREQ bit stream is 11 bits as shown in Table 11-5.
Table 11-5. Bus Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–4
Request type
Indicates the type of bus request. See Table 11-4.
5
Request format
Indicates the packet format to be used for packet transmission. See Table 11-6.
6–9
Request speed
Indicates the speed at which the link sends the data to the PHY. See Table 11-7 for the encoding of this field.
10
Stop bit
Indicates the end of the transfer (always 0). If bit 6 is 0, then this bit can be omitted.
Table 11-6 shows the 1-bit request format field used in bus requests.
Table 11-6. Bus Request Format Encoding
LR5
DATA RATE
0
Link does not request either Beta or legacy packet format for bus transmission
1
Link requests Beta packet format for bus transmission
Table 11-7 shows the 4-bit request speed field used in bus requests.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com