công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 25Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 26Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 27Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 28Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 29Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 30Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 31Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 32Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
interface by putting the CTL and D terminals in a high-impedance state. The PHY then regains control of the
PHY-link interface.
GT = grant type
LR = link request type
d0-dn = packet data
PHY D[0:7]
PHY CTL[0:1]
00
11
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
GT
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
LLC D[0:7]
LLC CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
11
01
01
11
ZZ
ZZ
ZZ
ZZ
ZZ
00
d0
d1
00
PHY D[0:7]
PHY CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
00
00
00
LLC D[0:7]
LLC CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
00
00
ZZ
01
01
11
00
ZZ
ZZ
ZZ
ZZ
ZZ
dn-1
dn
LR
00
ZZ
ZZ
ZZ
ZZ
ZZ
Figure 11-8. Transmit Packet Timing With Optional Link Request
The hold state asserted at the end of packet transmission allows the LLC to make an additional link request for
packet transmission and/or to notify the PHY that the packet marks the end of a subaction. The link requests
allowed after packet transmission are listed in Table 11-15 (note that the link request types allowed during this
period are a subset of all of the allowed types of link requests—see Table 11-4). The associated speed codes
and packet format are listed in Table 11-15 and Table 11-16, respectively. If the LLC requests to send an
additional packet, then the PHY does not necessarily have to grant the request. If the LLC is notifying the PHY of
the end of a subaction, then the LLC sets D4 during the hold state at the end of packet transmission.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com