công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 20Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 21Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 22Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 23Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 24Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 25Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 26Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 27Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Table 11-7. Bus Request Speed Encoding
LR6–LR9
DATA RATE
0000
S100
0001
Reserved
0010
S200
0011
Reserved
0100
S400
0101
Reserved
0110
S800
All Others
Invalid
Note
The TSB41BA3F-EP accepts a bus request with an invalid speed code and processes the bus request
normally. However, during packet transmission for such a request, the TSB41BA3F-EP ignores any
data presented by the LLC and transmits a null packet.
For a read register request, the length of the LREQ bit stream is 10 bits as shown in Table 11-8.
Table 11-8. Read Register Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–4
Request type
A 1010 indicates this is a read register request.
5–8
Address
Identifies the address of the PHY register to be read
9
Stop bit
Indicates the end of the transfer (always 0)
For a write register request, the length of the LREQ bit stream is 18 bits as shown in Table 11-9.
Table 11-9. Write Register Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–4
Request type
A 1011 indicates this is a write register request.
5–8
Address
Identifies the address of the PHY register to be written
9–16
Data
Gives the data that is to be written to the specified register address
17
Stop bit
Indicates the end of the transfer (always 0)
For a link notification request, the length of the LREQ bit stream is 6 bits as shown in Table 11-10.
Table 11-10. Link Notification Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–4
Request type
A 1100, 1101, or 1110 indicates this is a link notification request
5
Stop bit
Indicates the end of the transfer (always 0)
For fair or priority access, the LLC sends a bus request at least one clock after the PHY-LLC interface becomes
idle. The PHY queues all bus requests and can queue one request of each type. If the LLC issues a different
request of the same type, then the new request overwrites any nonserviced request of that type. On the receipt
(CTL terminals are asserted to the receive state, 10b) of a packet, queued requests are not cleared by the PHY.
The cycle master node uses a cycle start request (Cyc_Start_Req) to send a cycle start message. After
receiving or transmitting a cycle start message, the LLC can issue an isochronous bus request (IsoReq). The
PHY clears an isochronous request only when the serial bus has been won.
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com