công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 57 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 53Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 54Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 55Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 56Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 57Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 58Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 59Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 60Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
P11: Untested
The port then sends both connection and speed negotiation tones while listening for both connection and speed
negotiation tones, it doesn’t wait 10 connection intervals before it sends or listens for speed negotiation tones.
Once the speed is successfully negotiated it follows the IEEE-1394-2008 P11:Untested state training and loop
free build process.
Note
NOTE: Fast Connection Tone Debounce reduces the connection debounce time from 426
milliseconds to approximately 42.6 milliseconds. Therefore, it should only be enabled when it is known
that no connection debounce is needed, i.e., in a fixed topology.
13.2.3.5 Programmable invalidCount
When a port is in the P2:Active state if the invalidCount exceeds the value of 0x3 the port has lost
synchronization and it shall exit the P2:Active state. The intent of the value of 0x3 is unclear but it is thought that
a higher value may increase the invalid signal tolerance and may reduce the number of disconnects due to loss
of synchronization. With the Fast Retrain feature, the value in making the invalidCount programmable has
diminished. A programmable invalidCount register has been created with a default of 0x3 when this
enhancement is disabled, and 0xB when this enhancement is enabled. See for details.
13.2.4 Power-Class Programming
The S2_PC0, S1_PC1, and S0_PC2 terminals can be used in some port speed/mode selections to set the
default value of the power-class indicated in the pwr field (bits 21–23) of the transmitted self-ID packet.
Descriptions of the various power-classes are given in Table 13-9. The default power-class value is loaded
following a hardware reset, but is overridden by any value subsequently loaded into the Pwr_Class field in
register 4.
Table 13-9. Power-Class Descriptions
PC0–PC2
DESCRIPTION
000
Node does not need power and does not repeat power.
001
Node is self-powered and provides a minimum of 15 W to the bus.
010
Node is self-powered and provides a minimum of 30 W to the bus.
011
Node is self-powered and provides a minimum of 45 W to the bus.
100
Node can be powered from the bus and is using up to 3 W; no additional power is needed to enable the link. The node can
also provide power to the bus. The amount of bus power that it provides can be found in the configuration ROM.
101
Reserved for future standardization.
110
Node is powered from the bus and uses up to 3 W. An additional 3 W is needed to enable the link.
111
Node is powered from the bus and uses up to 3 W. An additional 7 W is needed to enable the link.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com