công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 22Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 23Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 24Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 25Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 26Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 27Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 28Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 29Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
PHY status transfers use the PINT terminal to send status information serially to the LLC as shown in Figure
11-4. PHY status transfers (see Table 11-12) can occur at any time during normal operation. The PHY uses the
PHY_INTERRUPT PHY status transfer when required to interrupt the LLC due to a configuration time-out, a
cable-power failure, a port interrupt, or an arbitration time-out. When transferring PHY register contents, the PHY
uses either the solicited or the unsolicited register read status transfer. The unsolicited register 0 contents are
passed to the LLC only during initialization of the serial bus. After any PHY-link interface initialization, the PHY
sends a PHY status transfer indicating whether or not a bus reset occurred during the inactive period of the PHY-
link interface. If the PHY receives an illegal request from the LLC, then the PHY issues an INTERFACE_ERROR
PHY status transfer.
Each cell represents one clock sample period, and n is the number of bits in the request stream.
LR1
LR2
LR3
LR (n-2)
LR0
LR (n-1)
Figure 11-4. PINT (PHY Interrupt) Stream
Table 11-12. PHY Status Transfer Encoding
PI[1:3]
NAME
DESCRIPTION
NUMBER OF BITS
000
NOP
No status indication
5
001
PHY_INTERRUPT
Interrupt indication: configuration time-out, cable-power failure, port
event interrupt, or arbitration state machine time-out
5
010
PHY_REGISTER_SOL
Solicited PHY register read
17
011
PHY_REGISTER_UNSOL
Unsolicited PHY register read
17
100
PH_RESTORE_NO_RESET
PHY-link interface initialized; no bus resets occurred.
5
101
PH_RESTORE_RESET
PHY-link interface initialized; a bus reset occurred.
5
110
INTERFACE_ERROR
PHY received illegal request.
5
111
Reserved
Reserved
Reserved
Most PHY status transfers are 5 bits long. The transfer consists of a start bit (always 1), followed by a request
type (see Table 11-12), and lastly followed by a stop bit (always 0). The only exception is when the transfer of a
register contents occurs. Solicited and unsolicited PHY register read transfers are 17 bits long and include the
additional information of the register address and the data contents of the register (see Table 11-13).
Table 11-13. Register Read (Solicited and Unsolicited) PHY Status Transfer Encoding
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–3
Request type
A 010 or a 011 indicates a solicited or unsolicited register contents transfer.
4–7
Address
Identifies the address of the PHY register whose contents are being transferred
8–15
Data
The contents of the register specified in bits 4 through 7
16
Stop bit
Indicates the end of the transfer (always 0)
11.3 Receive
When the PHY detects the data-prefix state on the serial bus, it initiates a receive operation by asserting receive
on the CTL terminals and a logic 1 on each of the D terminals (data-on indication). The PHY indicates the start of
a packet by placing the speed code (encoded as shown in Table 11-14) on the D terminals, followed by packet
data. The PHY holds the CTL terminals in the receive state until the last symbol of the packet has been
transferred. The PHY indicates the end of packet data by asserting idle on the CTL terminals. All received
packets are transferred to the LLC. Note that the speed code is part of the PHY-LLC protocol and is not included
in the calculation of CRC or any other data protection mechanisms.
The PHY can optionally send status information to the LLC at anytime during the data-on indication. Only bus
status transfer information can be sent during a data-on indication. The PHY holds the CTL terminals in the
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com