| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSB41BA3FTPFPEP bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TSB41BA3FTPFPEP bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 73 page ![]() Table 5-1. Port Speed/Mode Selection MODE NO. INPUT SELECTION RESULTING PORT, POWER CLASS, AND SELF-ID S5_ LKON S4 S3 S2_ PC0 S1_ PC1 S0_ PC2 PORT(1) POWER CLASS SELF-ID 2 1 0 1 0 0 0 PC0 PC1 PC2 Bi T Bi T Bi T PC = (PC0, PC1, PC2) 1394b 2 0 0 1 PC0 PC1 PC2 DS T Bi T Bi T PC = (PC0, PC1, PC2) 1394b 3 0 1 0 PC0 PC1 PC2 DS T DS T Bi T PC = (PC0, PC1, PC2) 1394b 4 0 1 1 0 0 0 B1 S B1 S B1 S PC = 000 1394b 5 0 1 1 0 0 1 B2 S B2 S B2 S PC = 000 1394b 6 0 1 1 0 1 0 B4 S B4 S B4 S PC = 000 1394b 7 0 1 1 0 1 1 B2 S Bi T B4 S PC = 100 1394b 8 0 1 1 1 0 0 B1 S DS T DS T PC = 100 1394a S100 (2) 9 0 1 1 1 0 1 DS T DS T B2 S PC = 100 1394b 10 0 1 1 1 1 0 DS T DS T B4 S PC = 100 1394b 11 0 1 1 1 1 1 B2 S DS T B4 S PC = 100 1394b 12 1 0 0 PC0 0 0 B1 S Bi T B1 S PC = PC0,0,0 (100 or 000) 1394b 13 1 0 0 PC0 0 1 B2 S Bi T B2 S PC = PC0,0,0 (100 or 000) 1394b 14 1 0 0 PC0 1 0 B4 S Bi T B4 S PC = PC0,0,0 (100 or 000) 1394b 15 1 0 0 PC0 1 1 B1 S Bi T B2 S PC = PC0,0,0 (100 or 000) 1394b 16 1 0 1 PC0 0 0 Bi T Bi T B1 S PC = PC0,0,0 (100 or 000) 1394b 17 1 0 1 PC0 0 1 Bi T Bi T B2 S PC = PC0,0,0 (100 or 000) 1394b 18 1 0 1 PC0 1 0 Bi T Bi T B4 S PC = PC0,0,0 (100 or 000) 1394b 19 1 0 1 PC0 1 1 B1 S Bi T B4 S PC = PC0,0,0 (100 or 000) 1394b 20 1 1 0 PC0 0 0 DS T Bi T B1 S PC = PC0,0,0 (100 or 000) 1394b 21 1 1 0 PC0 0 1 DS T Bi T B2 S PC = PC0,0,0 (100 or 000) 1394b 22 1 1 0 PC0 1 0 DS T Bi T B4 S PC = PC0,0,0 (100 or 000) 1394b 23 1 1 0 PC0 1 1 B1 S DS T B2 S PC = PC0,0,0 (100 or 000) 1394b 24 1 1 1 PC0 0 0 B1 S DS T B1 S PC = PC0,0,0 (100 or 000) 1394b 25 1 1 1 PC0 0 1 B2 S DS T B2 S PC = PC0,0,0 (100 or 000) 1394b 26 1 1 1 PC0 1 0 B4 S DS T B4 S PC = PC0,0,0 (100 or 000) 1394b 27 1 1 1 PC0 1 1 B1 S DS T B4 S PC = PC0,0,0 (100 or 000) 1394b (1) LEGEND: Bi = 1394b-2002 bilingual (S400b only Beta operating speed and data strobe: S400, S200, and S100 operating speeds) DS = 1394a-2000, data strobe-only, S400, S200, and S100 operating speeds B1 = 1394b-2002 Beta-only, S100b operating speed B2 = 1394b-2002 Beta-only, S200b and S100b operating speeds B4 = 1394b-2002 Beta-only, S400b, S200b, and S100b operating speeds S = TPBIAS#_SD# terminal is in signal detect input mode T = TPBIAS#_SD# terminal is in TPBIAS output mode (2) Mode 8 must only be used to do an S100 home network translation. It must not be used as a nominal end equation mode. www.ti.com TSB41BA3F-EP SLLSFA1 – SEPTEMBER 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: TSB41BA3F-EP |