công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 11Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 12Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 13Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 14Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 15Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 16Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 17Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 18Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
7 Operating Life Deration
The information in the section below is provided solely for your convenience and does not extend or modify the
warranty provided under TI’s standard terms and conditions for TI semiconductor products.
Continuous Junction Temperature - TJ (°C)
85
90
95
100
105
110
115
120
125
10000
20000
30000
40000
50000
70000
100000
200000
300000
400000
500000
wire
Electromigration Fail Mode
Wirebond Voiding Fail Mode
A. Silicon operating life design goal is 100000 power-on hours (POH) at 105°C junction temperature (does not include package interconnect
life).
B. The predicted operating lifetime versus junction temperature is based on reliability modeling using electromigration as the dominant
failure mechanism affecting device wear out for the specific device process and design characteristics.
Figure 7-1. TSB41BA3F-EP Operating Life Derating Chart
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com