công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 47 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 43Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 44Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 45Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 46Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 47Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 48Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 49Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 50Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
Table 13-2. Base Register Field Descriptions (continued)
FIELD
SIZE
TYPE
DESCRIPTION
Delay
4
Rd
PHY repeater data delay. This field indicates the worst-case repeater data delay of the PHY, expressed as
144+(delay × 20) ns. For the TSB41BA3F-EP, this field is Fh. The worst-case repeater delay for S100B is
361 ns.
LCtrl
1
Rd/Wr
Link-active status control. This bit controls the indicated active status of the LLC reported in the self-ID
packet. The logical AND of this bit and the LPS active status is replicated in the L field (bit 9) of the self-ID
packet. The LLC bit in the node self-ID packet is set active only if both the LPS input is active and the
LCtrl bit is set.
The LCtrl bit provides a software-controllable means to indicate the LLC self-ID active status in lieu of
using the LPS input terminal.
The LCtrl bit is set to 1 by hardware reset and is unaffected by bus reset.
Note
NOTE: The state of the PHY-LLC interface is controlled solely by the LPS input, regardless
of the state of the LCtrl bit. If the PHY-LLC interface is operational as determined by the LPS
input being active, then received packets and status information continue to be presented on
the interface, and any requests indicated on the LREQ input are processed, even if the LCtrl
bit is cleared to 0.
C
1
Rd/Wr
Contender status. This bit indicates that this node is a contender for the bus or isochronous resource
manager. This bit is replicated in the c field (bit 20) of the self-ID packet. This bit is set to 0 on hardware
reset. After hardware reset, this bit can only be set via a software register write. This bit is unaffected by a
bus reset.
Jitter
3
Rd
PHY repeater jitter. This field indicates the worst-case difference between the fastest and slowest
repeater data delay, expressed as (jitter+1) × 20 ns. For the TSB41BA3F-EP, this field is 0.
Pwr_Class
3
Rd/Wr
Node power class. This field indicates this node power consumption and source characteristics and is
replicated in the pwr field (bits 21–23) of the self-ID packet. This field is reset to the state specified by the
S5–S0 input terminals on a hardware reset and is unaffected by a bus reset. See Table 5-1 and Table
13-9.
WDIE
1
Rd/Wr
Watchdog interrupt enable. This bit, if set to 1, enables the port event interrupt (PIE) bit to be set
whenever resume operations begin on any port, or when any of the CTOI, CPSI, or STOI interrupt bits are
set and the link interface is nonoperational. This bit is reset to 0 by hardware reset and is unaffected by
bus reset.
ISBR
1
Rd/Wr
Initiate short arbitrated bus reset. This bit, if set to 1, instructs the PHY to initiate a short (1.3 μs) arbitrated
bus reset at the next opportunity. This bit is reset to 0 by a bus reset. It is recommended that short bus
reset is the only reset type initiated by software. IEC 61883-6 requires that a node initiate short bus resets
to minimize any disturbance to an audio stream.
Note
NOTE: Legacy IEEE Std 1394-1995-compliant PHYs are not capable of performing short bus
resets. Therefore, initiation of a short bus reset in a network that contains such a legacy
device results in a long bus reset being performed.
CTOI
1
Rd/Wr
Configuration time-out interrupt. This bit is set to 1 when the arbitration controller times out during tree-ID
start and might indicate that the bus is configured in a loop. This bit is reset to 0 by hardware reset or by
writing a 1 to this register bit.
If the CTOI and WDIE bits are both set and the LLC is or becomes inactive, then the PHY activates the
S5_LKON output to notify the LLC to service the interrupt.
Note
NOTE: If the network is configured in a loop, then only those nodes which are part of the
loop generate a configuration time-out interrupt. All other nodes instead time out waiting for
the tree-ID and/or self-ID process to complete and then generate a state time-out interrupt
and bus reset. This bit is only set when the bus topology includes 1394a nodes; otherwise,
1394b loop healing prevents loops from being formed in the topology.
CPSI
1
Rd/Wr
Cable power status interrupt. This bit is set to 1 whenever the CPS input transitions from high to low,
indicating that cable power might be too low for reliable operation. This bit is reset to 1 by hardware reset.
It can be cleared by writing a 1 to this register bit.
If the CPSI and WDIE bits are both set and the LLC is or becomes inactive, then the PHY activates the
S5_LKON output to notify the LLC to service the interrupt.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com