công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 53 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 49Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 50Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 51Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 52Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 53Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 54Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 55Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 56Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
miss-interpret the incoming symbols and could result in the generation of multiple bus resets in a short period of
time. This situation can not be resolved until the descrambler is re-synchronized with the incoming scrambled
8b10b symbols which only occurs during training. This enhancement to the IEEE-1394-2008 Standard has the
PHY detect the loss of descrambler synchronization. When loss of descrambler synchronization is detected, the
port is forced to exit the P2:Active state. This forces the port to retrain the descrambler with the incoming
scrambled symbols. The ELSSD register bit enables and disable this enhancement. ELSSD bit is enabled by
default upon reset.
13.2.3.1.1 Detect Loss of Descrambler Synchronization Advantages and Uses
This enhancement, along with the Fast-Retrain enhancement, minimizes the impact of the loss of descrambler
synchronization from many bus resets and approximately 500 milliseconds of connection loss to two bus resets
and as little as 200 microseconds of connection loss.
13.2.3.2 Fast Retrain
In revision D and prior, If for some reason (physical disconnect or intermediate signal degradation) the port
connection between IEEE-1394 Beta ports lose synchronization, the PHY will transition the port connection from
P2:Active state to P0:Disconnected and a minimum reconnect time of approximately 500 milliseconds is
required. IEEE-1394-2008 section 13.3.2.1.2 Resynchronization procedure touches on resynchronization when
a port determines synchronization has been lost, however it doesn’t fully define it. This enhancement to the
IEEE-1394-2008 Standard fully defines the resynchronization procedure, Fast-Retrain. The Fast-Retrain process
has the potential to speed up the loss of connection time from approximately 500 milliseconds to a few hundred
microseconds. The Fast-Retrain enhancement allows an IEEE-1394 Beta connection to attempt to retrain a
connection that has lost synchronization by attempting to immediately train the connection at the previously
connected data rate.
P14:
Start Retrain
startRetrainAction()
(!rxOk&&!suspendRequest
&&!disableRequest&&
fast_resync)
Active = FALSE;
In P14: Start Retrain state, the port sends
ARB_CONTEXT symbols in case a packet was being
sent when synchronization was lost.
P2:P14
P14:P11
P2:
Active
Figure 13-1. Fast-Retrain Port Connection State Machine Changes
P2:P14
If Fast-Retrain is enabled (fast_resync = 1) and the port detects a loss of synchronization (!rxOk && !
suspendRequest && !disableRequest && fast_resync) the port transitions from the P2:Active to the P14: Start
Retrain state.
P14: Start Retrain
In the P14: Start Retrain state 2 to 16 ARB_CONTEXT characters are sent before transitioning to the
P11:Untested state. The transmission of ARB_CONTEXT characters are sent in case the port was transmitting a
packet when the loss of synchronization occurred.
P14:P11
Upon entry into the P11:Untested state the port immediately starts the training process at the previously
connected data rate. For this reason, the tone based speed negotiation is not required and transmission of
8b10b symbols can begin immediately. After this point the normal Untested state process is followed.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com