công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 62 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 58Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 59Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 60Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 61Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 62Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 63Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 64Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 65Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
Note
The layout of the crystal portion of the PHY circuit is important for obtaining the correct frequency,
minimizing noise introduced into the PHY's phase-locked loop, and minimizing any emissions from the
circuit. The crystal and two load capacitors must be considered as a unit during layout. The crystal
and load capacitors must be placed as close as possible to one another while minimizing the loop
area created by the combination of the three components. Varying the size of the capacitors can help
in this. Minimizing the loop area minimizes the effect of the resonant current (IS) that flows in this
resonant circuit. This layout unit (crystal and load capacitors) must then be placed as close as
possible to the PHY XI and XO terminals to minimize trace lengths.
C9
C10
X1
Figure 13-9. Recommended Crystal And Capacitor Layout
It is strongly recommended that part of the verification process for the design be to measure the frequency of the
PCLK output of the PHY. This should be done using a frequency counter with an accuracy of six digits or better.
If the PCLK frequency is more than the crystal's tolerance from 49.152 MHz or 98.304 MHz, then the load
capacitance of the crystal can be varied to improve frequency accuracy. If the frequency is too high, add more
load capacitance; if the frequency is too low, decrease the load capacitance. Typically, changes must be done to
both load capacitors (C9 and C10 in Figure 13-9) at the same time, and both must be of the same value.
Additional design details and requirements can be provided by the crystal vendor.
13.2.8 Bus Reset
It is recommended, that whenever the user has a choice, the user should initiate a bus reset by writing to the
initiate-short-bus-reset (ISBR) bit (bit 1, PHY register 0101b). Care must be taken to not change the value of any
of the other writeable bits in this register when the ISBR bit is written to.
In the TSB41BA3F-EP, the initiate-bus-reset (IBR) bit can be set to 1 in order to initiate a bus reset and
initialization sequence; however, it is recommended to use the ISBR bit instead. The IBR bit is located in PHY
register 1 along with the root-holdoff bit (RHB) and gap-count register. As required by the 1394b Supplement,
this configuration maintains compatibility with older Texas Instruments PHY designs which were based on either
the suggested register set defined in Annex J of IEEE Std 1394-1995 or the 1394a-2000 Supplement. Therefore,
whenever the IBR bit is written, the RHB and gap-count register are also necessarily written.
It is recommended that the RHB and gap-count register only be updated by PHY configuration packets. The
TSB41BA3F-EP is 1394a- and 1394b-compliant, and therefore, both the reception and transmission of PHY
configuration packets cause the RHB and gap-count register to be loaded, unlike older IEEE Std 1394-1995-
compliant PHYs which decode only received PHY configuration packets.
The gap-count register is set to the maximum value of 63 after two consecutive bus resets without an intervening
write to the gap-count register, either by a write to PHY register 1 or by a PHY configuration packet. This
mechanism allows a PHY configuration packet to be transmitted and then a bus reset to be initiated so as to
verify that all nodes on the bus have updated their RHBs and gap-count register values, without having the gap-
count register set back to 63 by the bus reset. The subsequent connection of a new node to the bus, which
initiates a bus reset, then causes the gap-count register of each node to be set to 63. Note, however, that if a
subsequent bus reset is instead initiated by a write to register 1 to set the IBR bit, then all other nodes on the
bus have their gap-count register values set to 63, while this node's gap-count register remains set to the value
just loaded by the write to PHY register 1.
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
62
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com