công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 56 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 52Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 53Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 54Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 55Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 56Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 57Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 58Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 59Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
P0: Disconnect
When a Fast Power-On Re-Connect enabled port is in the P0: Disconnect state for at least 1.66 milliseconds
and then it detects a continuous tone for 1.66 milliseconds (this is not a IEEE-1394-2008 666usec tone but
rather a betaMode (betaMode = TRUE) Fast Power-On Re-Connect tone (connected = TRUE)) the port will
transition from P0:Disconnected to P11:Untested state and set fastPowerConnect = TRUE. If the transition from
P0:Disconnected to P11:Untested occurs because of a non-continuous tone, the port will set fastPowerConnect
= FALSE. The continuous tone indicates that the attached PHY also supports Fast Power-On Re-Connect and is
in the P11:Untested state and is transmitting 8b10b Training symbols in an attempt to synchronize.
P0:P11
fastPowerConnect = TRUE if continuous tone or FALSE is not continuous tone.
P11: Untested with fastPowerConnect = TRUE
Much like the transition from P14: Start Retrain, the port immediately starts Training. However, the data rate is
determined by the maxPortSpeed. If the Retrain process doesn’t complete after 42.67 milliseconds the ports will
force disconnect and transition through the P12:Loop Disabled state to P0:Disconnected.
13.2.3.3.1 Fast Power-On Re-Connect Advantages and Uses
Fast Power-On Re-Connect was designed to facilitate faster reconnect of a connection when one device and/or
PHY is power cycled/reset for some reason and comes back online.
This mechanism assumes that the port was previously Beta connected and in the P2:Active state when the
device and/or PHY was reset/power cycled. If the connected peer port supports Fast Retrain it will lose symbol
synchronization and will go to the P11: Untested state in an attempt to re-establish synchronization. It will
attempt to Retrain for a DISCONNECTED_TONE_INTERVAL (42.66 to 48 milliseconds). If device and/or PHY
comes back online while the peer is still in the P11:Untested state (sending continuous tones), the Fast Power-
On Re-Connect port will transition directly to P11:Untested and start the Training process at maxPortSpeed. This
should reduce the total reconnect time from approximately 500 milliseconds to approximately 5 milliseconds.
13.2.3.3.2 Fast Power-On Re-Connect Backward Compatibility
When a Fast Power-On Re-Connect device and/or PHY is connected to an IEEE-1394-2008 Beta PHY and it is
power cycled/reset the IEEE-1394-2008 Beta PHY port will go to the P0:Disconnected state and send non-
continuous tones (666 microsecond tones).
When the Fast Power-On Re-Connect capable device and/or PHY comes back online, it doesn’t see continuous
tones therefore after the appropriate number of connection tones are observed it sets fastPowerConnect =
FALSE and transitions to P11:Untested state.
13.2.3.4 Fast Connection Tone Debounce
In environments where connections are mostly static where, connections mostly consist of nodes being powered
on and not plugged in, it can be advantageous to shorten the connection time from over 500 milliseconds to less
than 100 milliseconds. The Fast Connection Tone Debounce enhancement enables this quick connection
behavior while maintaining backward compatibility.
P0: Disconnected
When Fast Connection Tone Debounce is enabled the port immediately starts transmitting connection tones
while listen for connection tones. Once a valid connection tone (not continuous tone) is received, connected is
set TRUE, fastPowerConnect is set FALSE and the state transitions from P0:Disconnected to P11:Untested to
start speed negotiation.
P0:P11
fastPowerConnect = FALSE;
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
56
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com