công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 37Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 38Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 39Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 40Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 41Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 42Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 43Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 44Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
Table 12-17. Grant Type Values During Grant Cycle
[D1–D3] VALUE DURING
GRANT CYCLE
REQUEST TYPE
000
Reserved
001
Reserved
010
Isochronous grant
011
Reserved
100
Reserved
101
Asynchronous grant
110
Cycle start grant
111
Immediate grant
Table 12-18. Speed Type Values During Grant Cycle
[D5–D6] VALUE DURING
GRANT CYCLE
SPEED TYPE
00
S100
01
S200
10
S400
11
S800
12.5 Interface Reset and Disable
The LLC controls the state of the PHY-LLC interface using the LPS signal. The interface can be placed into a
reset state, a disabled state, or be made to initialize and then return to normal operation. When the interface is
not operational (whether reset, disabled, or in the process of initialization), the PHY cancels any outstanding bus
request or register read request, and ignores any requests made via the LREQ line. Additionally, any status
information generated by the PHY is not queued and does not cause a status transfer on restoration of the
interface to normal operation.
The LPS signal can be either a level signal or a pulsed signal, depending on whether the PHY-LLC interface is a
direct connection or is made across an isolation barrier. When an isolation barrier exists between the PHY and
LLC, the LPS signal must be pulsed. In a direct connection, the LPS signal can be either a pulsed or a level
signal. Timing parameters for the LPS signal are given in Table 12-19.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com