công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 32Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 33Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 34Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 35Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 36Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 37Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 38Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 39Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
The arbitration acceleration enhancements can interfere with the ability of the cycle master node to transmit the
cycle start message under certain circumstances. The acceleration control request is therefore provided to allow
the LLC temporarily to enable or disable the arbitration acceleration enhancements of the TSB41BA3F-EP
during the asynchronous period. The LLC typically disables the enhancements when its internal cycle counter
rolls over, indicating that a cycle-start message is imminent, and then re-enables the enhancements when it
receives a cycle-start message. The acceleration control request can be made at any time and is immediately
serviced by the PHY. Additionally, a bus reset or isochronous bus request causes the enhancements to be re-
enabled, if the EAA bit is set.
12.2 Status Transfer
A status transfer is initiated by the PHY when there is status information to be transferred to the LLC. The PHY
waits until the interface is idle before starting the transfer. The transfer is initiated by the PHY asserting
status(01b) on the CTL terminals, along with the first two bits of status information on the D[0:1] terminals. The
PHY maintains CTL = Status for the duration of the status transfer. The PHY might prematurely end a status
transfer by asserting something other than status on the CTL terminals. This occurs if a packet is received
before the status transfer completes. The PHY continues to attempt to complete the transfer until all status
information has been successfully transmitted. At least one idle cycle occurs between consecutive status
transfers.
The PHY normally sends just the first 4 bits of status to the LLC. These bits are status flags that are needed by
the LLC state machines. The PHY sends an entire 16-bit status packet to the LLC after a read register request,
or when the PHY has pertinent information to send to the LLC or transaction layers. The only defined condition
where the PHY automatically sends a register to the LLC is after self-ID, where the PHY sends the physical-ID
register that contains the new node address. All status transfers are either 4 or 16 bits unless interrupted by a
received packet. The status flags are considered to have been successfully transmitted to the LLC immediately
on being sent, even if a received packet subsequently interrupts the status transfer. Register contents are
considered to have been successfully transmitted only when all 8 bits of the register have been sent. A status
transfer is retried after being interrupted only if any status flags remain to be sent, or if a register transfer has not
yet completed.
Table 12-10 shows the definition of the bits in the status transfer, and Figure 12-3 shows the timing.
Table 12-10. Status Bits
BIT(s)
NAME
DESCRIPTION
0
Arbitration reset gap Indicates that the PHY has detected that the bus has been idle for an arbitration reset gap time (as
defined in the IEEE 1394a-2000 standard). This bit is used by the LLC in the busy/retry state machine.
1
Subaction gap
Indicates that the PHY has detected that the bus has been idle for a subaction gap time (as defined in
the IEEE 1394a-2000 standard). This bit is used by the LLC to detect the completion of an isochronous
cycle.
2
Bus reset
Indicates that the PHY has entered the bus reset state
3
Interrupt
Indicates that a PHY interrupt event has occurred. An interrupt event might be a configuration time-out, a
cable-power voltage falling too low, a state time-out, or a port status change.
4–7
Address
This field holds the address of the PHY register whose contents are being transferred to the LLC.
8–15
Data
This field holds the register contents.
00
(a)
01
(b)
00
00
S[14:15]
S[0:1]
D0, D1
CTL0, CTL1
SYSCLK
00
Figure 12-3. Status Transfer Timing
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com