công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 9Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 10Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 11Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 12Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 13Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 14Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 15Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
6.3 Recommended Operating Conditions
MIN
TYP(1)
MAX
UNIT
Supply voltage, 3.3 VDD33
Source power node
3
3.3
3.6
V
Nonsource power node
3(2)
3.3
3.6
Supply voltage, 1.8 VDD18
Core voltage
1.75
1.85
2
V
High-level input voltage, VIH
LREQ, CTL0, CTL1, D0–D7, LCLK_PMC
0.7 VDD33
V
S5_LKON, S4, S3, S2_PC0, S1_PC1, S0_PC2,
SLPEN, PD, BMODE, TPBIAS0_SD0, TPBIAS1_SD1,
TPBIAS2_SD2
0.7 VDD33
RESET
0.6 VDD33
Low-level input voltage, VIL
LREQ, CTL0, CTL1, D0–D7, LCLK_PMC
0.25
VDD33
V
S5_LKON, S4, S3, S2_PC0, S1_PC1, S0_PC2,
SLPEN, PD, BMODE, TPBIAS0_SD0, TPBIAS1_SD1,
TPBIAS2_SD2
0.2 VDD33
RESET
0.3 VDD33
Output current, IOL/OH
CTL0, CTL1, D0–D7, S5_LKON, PINT, PCLK
–4
4
mA
Output current, IO
TPBIAS outputs
–5.6
1.3
mA
TA
Operating temperature (free-air)
-40
110
°C
TJ
Operating junction temperature
-40
125
°C
1394b Differential input voltage, VID
Cable inputs, during data reception
200
800
mV
1394a Differential input voltage, VID
Cable inputs, during data reception
118
260
mV
Cable inputs, during arbitration
168
265
1394a Common-mode input voltage,
VIC
TPB cable inputs, source power node
0.4706
2.515
V
TPB cable inputs, nonsource power node
0.4706
2.015(2)
Power-up reset time, tpu
RESET input
2(3)
ms
1394a receive input jitter
TPA, TPB cable inputs, S100 operation
±1.08
ns
TPA, TPB cable inputs, S200 operation
±0.5
TPA, TPB cable inputs, S400 operation
±0.315
1394a receive input skew
Between TPA and TPB cable inputs, S100 operation
±0.8
ns
Between TPA and TPB cable inputs, S200 operation
±0.55
Between TPA and TPB cable inputs, S400 operation
±0.5
(1)
All typical values are at VDD = 3.3 V and TA = 25°C.
(2)
For a node that does not source power, see Section 4.2.2.2 in IEEE 1394a-2000.
(3)
Time after valid clock received at PHY XI input terminal.
6.4 Thermal Information
THERMAL METRIC(1)
HTQFP (PFP)
UNIT
80 PINS
UNIT
RθJA
Junction-to-ambient thermal resistance
28.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.1
°C/W
RθJB
Junction-to-board thermal resistance
13.8
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
13.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com