công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 18Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 19Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 20Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 21Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 22Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 23Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 24Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 25Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
The PHY initiates a receive operation whenever a packet is received from the serial bus.
The PHY initiates a transmit operation after winning control of the serial bus following a bus request by the LLC.
The transmit operation is initiated when the PHY grants control of the interface to the LLC.
Table 11-1 and Table 11-2 show the encoding of the CTL0–CTL1 bus.
Table 11-1. CTL Encoding When PHY Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
No activity (this is the default mode)
0
1
Status
Status information is being sent from the PHY to the LLC.
1
0
Receive
An incoming packet is being sent from the PHY to the LLC.
1
1
Grant
The LLC has been given control of the bus to send an outgoing packet.
Table 11-2. CTL Encoding When LLC Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
The LLC releases the bus (transmission has been completed).
0
1
Transmit
An outgoing packet is being sent from the LLC to the PHY.
1
0
Reserved
Reserved
1
1
Holation
The LLC is holding the bus while data is being prepared for transmission, or the LLC is sending a
request to arbitrate for access to the bus, or the LLC is identifying the end of a subaction gap to the
PHY.
11.1 LLC Service Request
To request access to the bus, to read or write a PHY register, or to send a link notification to PHY, the LLC sends
a serial bit stream on the LREQ terminal as shown in Figure 11-2.
Each cell represents one clock sample period, and n is the number of bits in the request stream.
LR1
LR2
LR3
LR (n-2)
LR0
LR (n-1)
Figure 11-2. LREQ Request Stream
The length of the stream varies depending on the type of request as shown in Table 11-3.
Table 11-3. Request Stream Bit Length
REQUEST TYPE
NUMBER OF BITS
Bus request
11
Read register request
10
Write register request
18
Link notification request
6
PHY-link interface reset request
6
Regardless of the type of request, a start bit of 1 is required at the beginning of the stream and a stop bit of 0 is
required at the end of the stream. The second through fifth bits of the request stream indicate the type of the
request. In the following descriptions, bit LR1 is the most significant and is transmitted first in the request bit
stream. The LREQ terminal is normally low.
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com