công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 61 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 57Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 58Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 59Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 60Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 61Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 62Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 63Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 64Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
be able to compensate for this difference over the maximum packet length. Larger clock variations can cause
resynchronization overflows or underflows, resulting in corrupted packet data or even PHY lockup.
For the TSB41BA3F-EP, the PCLK output can be used to measure the frequency accuracy and stability of the
internal oscillator and PLL from which it is derived. When operating the PHY-LLC interface with a non-1394b
LLC, the frequency of the PCLK output must be within ±100 ppm of the nominal frequency of 49.152 MHz. When
operating the PHY-LLC interface with a 1394b LLC, the frequency of the PCLK output must be within ±100 ppm
of the nominal frequency of 98.304 MHz.
The following are some typical specifications for crystals used with the physical layers from Texas Instruments in
order to achieve the required frequency accuracy and stability:
• Crystal mode of operation: Fundamental
• Frequency tolerance at 25°C: Total frequency variation for the complete circuit is ±100 ppm. A crystal with
±30 ppm frequency tolerance is recommended for adequate margin.
• Frequency stability (over temperature and age): A crystal with ±30 ppm frequency stability is recommended
for adequate margin.
Note
The total frequency variation must be kept below ±100 ppm from nominal with some allowance for
error introduced by board and device variations. Trade-offs between frequency tolerance and stability
can be made as long as the total frequency variation is less than ±100 ppm. For example, the
frequency tolerance of the crystal can be specified at 50 ppm, and the temperature tolerance can be
specified at 30 ppm to give a total of 80 ppm possible variation due to the oscillator alone. Aging also
contributes to the frequency variation.
• Load capacitance: For parallel resonant mode crystal circuits, the frequency of oscillation depends on the
load capacitance specified for the crystal. Total load capacitance (CL) is a function of not only the discrete
load capacitors, but also board layout and circuit. It might be necessary to select discrete load capacitors
iteratively until the PCLK output is within specification. It is recommended that load capacitors with a
maximum of ±5% tolerance be used.
As an example, for the OHCI + 41LV03 evaluation module (EVM), which uses a crystal specified for 12-pF
loading, load capacitors (C9 and C10 in Figure 13-8) of 16 pF each were appropriate for the layout of that
particular board. The load specified for the crystal includes the load capacitors (C9, C10), the loading of the PHY
terminals (CPHY), and the loading of the board itself (CBD). The value of CPHY is typically about 1 pF and CBD is
typically 0.8 pF per centimeter of board etch; a typical board can have 3 pF to 6 pF or more. The load capacitors
C9 and C10 combine as capacitors in series so that the total load capacitance is:
C
L +
C9
C10
C9 ) C10
) CPHY ) CBD
X1
49.152 MHz
IS
X1
CPHY + CBD
X0
C10
C9
Figure 13-8. Load Capacitance for the TSB41BA3F-EP PHY
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com