công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FTPFPEP bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3FTPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 4Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 5Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 6Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 9Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 10Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 11Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
PFP
NO.
TPBIAS0_SD0
TPBIAS1_SD1
TPBIAS2_SD2
Cable In
47
54
60
I/O
Twisted-pair bias output and signal detect input. This provides the 1.86-V nominal bias
voltage needed for proper operation of the twisted-pair cable drivers and receivers, and for
signaling to the remote nodes that there is an active cable connection in 1394a-2000 mode.
Each of these terminals, except for an unused port, must be decoupled with a 1-μF
capacitor to ground. For the unused port, this terminal can be left unconnected.
When a port is configured as a Beta-mode port (B1, B2, B4) this terminal becomes an input
and must be high when a valid signal is present. For optical transceivers, the signal detect
of the transceiver must be connected to this terminal. The input is an LVCMOS level input.
VREG_PD
CMOS
73
I
Voltage regulator power-down input. When asserted logic-high through a 1kΩ resistor, this
terminal powers down the internal 3.3-V-to-1.8-V regulator. For single-supply (3.3-V only)
operation, this terminal must be pulled low either through a 1-kΩ resistor to GND or directly
to GND. (If there is high system noise or ground bounce expected, smaller resistor will offer
more immunity)
XI
XO
Crystal
27
26
I
O
Crystal oscillator inputs. These terminals connect to a 49.152-MHz parallel-resonant
fundamental-mode crystal. The optimum values for the external shunt capacitors depend
on the specifications of the crystal used (see the crystal selection section in the TSB41AB3
IEEE 1394a-2000 Three-Port Cable Transceiver/Arbiter data sheet, SLLS418. XI is a 1.8-V
CMOS input.
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com