công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UTG11823P bảng dữ liệu(PDF) 97 Page - FCI connector

tên linh kiện UTG11823P
Giải thích chi tiết về linh kiện  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P bảng dữ liệu(HTML) 97 Page - FCI connector

Back Button UTG11823P Datasheet HTML 93Page - FCI connector UTG11823P Datasheet HTML 94Page - FCI connector UTG11823P Datasheet HTML 95Page - FCI connector UTG11823P Datasheet HTML 96Page - FCI connector UTG11823P Datasheet HTML 97Page - FCI connector UTG11823P Datasheet HTML 98Page - FCI connector UTG11823P Datasheet HTML 99Page - FCI connector UTG11823P Datasheet HTML 100Page - FCI connector UTG11823P Datasheet HTML 101Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
Crimptooling
99
Extraction tooling
RX2025GE1
A spring loaded extraction tool for the full range of TRIM TRIO
contacts. This tool ensures that the contact locking louvres are fully
retracted before any pressure is applied to extract a contact.
RX2025GE2
A low cost spring loaded extraction tool for the full range of TRIM
TRIO contacts.
RX16D11D1
A spring loaded extraction tool for the full range of TRIM TRIO
contacts. This tool ensures that the contact locking louvres are fully
retracted before any pressure is applied to extract a contact. It is
especially suitable for applications where the integrity of the
assemblies are of the utmost importance.
How to extract a contact out of its cavity?
Slide the extraction tip over contact from mating side till the locking
spring from the contact is depressed.
Push on handle to push out the contact with the spring loaded inner
plunger.
Insertion tooling
RTM205
This tool is especially designed to ease insertion of any TRIM TRIO
contact crimped on very flexible or small wire sizes. Simply position
the insertion tool so that the tip of the tool bears against the back of
the wire barrel, retaining the wire with thumb in the groove of the
tool. Push the contact slowly into the connector until it snaps into
position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com