| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UTG11823P bảng dữ liệu(PDF) 58 Page - FCI connector |
|
|
|||||||||||||||||||||||||||||
UTG11823P bảng dữ liệu(HTML) 58 Page - FCI connector |
|
58 / 101 page ![]() MSG - rectangular 60 Right angle PCB mount receptacle without flange MSG 59 R R L 1 1 1 Series 59 Pos. Receptacle Body variation R= Right angle without flange Skirt mechanism L=Lever Contact type 1= gold plated RM contact Polarization Contact loading 1= Fully loaded Right angle PCB mount receptacle with flange MSG 59 R F L 1 1 1 Series 59 Pos. Receptacle Body variation R= Right angle with flange Skirt mechanism L=Lever Contact type 1= gold plated RM contact Polarization Contact loading 1= Fully loaded |