công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UTG11823P bảng dữ liệu(PDF) 42 Page - FCI connector

tên linh kiện UTG11823P
Giải thích chi tiết về linh kiện  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P bảng dữ liệu(HTML) 42 Page - FCI connector

Back Button UTG11823P Datasheet HTML 38Page - FCI connector UTG11823P Datasheet HTML 39Page - FCI connector UTG11823P Datasheet HTML 40Page - FCI connector UTG11823P Datasheet HTML 41Page - FCI connector UTG11823P Datasheet HTML 42Page - FCI connector UTG11823P Datasheet HTML 43Page - FCI connector UTG11823P Datasheet HTML 44Page - FCI connector UTG11823P Datasheet HTML 45Page - FCI connector UTG11823P Datasheet HTML 46Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 101 page
background image
MS-M - Hyfen rectangular
44
Contact arrangement
The contact position identification letters or numbers shown in the above diagrams apply to
MS-M plug and receptacle connectors. Dimensionally, corresponding types of plug and receptacle
mouldings are the same and differ only in that the contact position lettering/numbering of the
plug (MS-PM) is a mirror image of that of the receptacle (MS-RM). Note that pins and/or sockets
can be used in either the plug or receptacle moulding.
Note:
Contact identification is shown for wiring face of the receptacle and mating face at
plug connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More