| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UTG11823P bảng dữ liệu(PDF) 25 Page - FCI connector |
|
|
|||||||||||||||||||||||||||||
UTG11823P bảng dữ liệu(HTML) 25 Page - FCI connector |
|
25 / 101 page ![]() 27 UTO - Bantam Free hanging receptacle for pin contacts (UT01- - - -PT) - suitable for cable to cable applications Part number Shell A B ±0.25 C ±0.2 Ø D ±0.15 Ø E size max. max. UT01104PT 10 14.9 24.1 UT01128PT 12 19.0 26.4 UT011412PT 14 31.7 1.6 11.3 22.2 28.8 UT011619PT 16 25.3 31.2 UT011823PT 18 28.5 33.6 UT012028PT 20 14.5 31.7 36.8 UT012235PT 22 33.3 2.4 34.9 39.9 UT012448PT 24 15.3 38.0 43.1 For waterprotected version add “H” behind “P” e.g. UT011412PHT Free hanging receptacle for socket contacts (UT01- - - -ST) - suitable for cable to cable applications Part number Shell A B ±0.25 C ±0.2 Ø D ±0.15 Ø E size max. max. UT01104ST 10 14.9 24.1 UT01128ST 12 19.0 26.4 UT011412ST 14 24.3 1.6 11.3 22.2 28.8 UT011619ST 16 25.3 31.2 UT011823ST 18 28.5 33.6 UT012028ST 20 14.5 31.7 36.8 UT012235ST 22 25.9 2.4 34.9 39.9 UT012448ST 24 15.3 38.0 43.1 For waterprotected version add “H” behind “S” e.g. UT011412SHT |