công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UTG11823P bảng dữ liệu(PDF) 28 Page - FCI connector

tên linh kiện UTG11823P
Giải thích chi tiết về linh kiện  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P bảng dữ liệu(HTML) 28 Page - FCI connector

Back Button UTG11823P Datasheet HTML 24Page - FCI connector UTG11823P Datasheet HTML 25Page - FCI connector UTG11823P Datasheet HTML 26Page - FCI connector UTG11823P Datasheet HTML 27Page - FCI connector UTG11823P Datasheet HTML 28Page - FCI connector UTG11823P Datasheet HTML 29Page - FCI connector UTG11823P Datasheet HTML 30Page - FCI connector UTG11823P Datasheet HTML 31Page - FCI connector UTG11823P Datasheet HTML 32Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
Circular - accessories
30
Plastic cable clamp with strain relief (UTG - - AC)
Part number
Shell
Cable range
Ø A ± 0.4
L ± 0.5
size
Ø
UTG10AC
10
3.0 - 8.70
21.0
40.0
UTG12AC
12
3.0 - 12.8
24.0
40.0
UTG14AC
14
4.0 - 13.8
27.0
46.0
UTG16AC
16
5.0 - 17.0
30.2
46.0
UTG18AC
18
5.0 - 19.0
33.3
50.0
UTG20AC
20
5.0 - 21.0
36.5
55.0
UTG22AC
22
5.0 - 23.0
39.7
60.0
UTG24AC
24
8.0 - 27.0
42.9
65.0
Plastic cable clamp with strain relief nut for waterprotected (IP65) applications (UTG - - PG)
Part number
Shell
Sealing*
L ±1
A ± 0.5
size
outer dia x inner dia’s
UTG10PG
10
13.5 x 5 x 8
54
21.0
UTG12PG
12
16 x 7 x 10.5 x 13 x 16
57
24.0
UTG14PG
14
18.5 x 7 x 105 x 13 x 16
62
27.0
UTG16PG
16
20.5 x 8 x 10.5 x 13 x 16
68
30.2
UTG18PG
18
20.5 x 8 x 10.5 x 13 x 16
71
33.3
UTG20PG
20
26 x 11 x 15 x 18 x 22
82
36.5
UTG22PG
22
26 x 11 x 15 x 18 x 22
88
39.7
UTG24PG
24
35 x 19 x 23 x 27 x 31
103
42.9
*In order to accommodate different cable dia’s, the sealing exisits of different layers which can be pulled out easily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More