công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UTG11823P bảng dữ liệu(PDF) 29 Page - FCI connector

tên linh kiện UTG11823P
Giải thích chi tiết về linh kiện  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P bảng dữ liệu(HTML) 29 Page - FCI connector

Back Button UTG11823P Datasheet HTML 25Page - FCI connector UTG11823P Datasheet HTML 26Page - FCI connector UTG11823P Datasheet HTML 27Page - FCI connector UTG11823P Datasheet HTML 28Page - FCI connector UTG11823P Datasheet HTML 29Page - FCI connector UTG11823P Datasheet HTML 30Page - FCI connector UTG11823P Datasheet HTML 31Page - FCI connector UTG11823P Datasheet HTML 32Page - FCI connector UTG11823P Datasheet HTML 33Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 101 page
background image
31
Circular - accessories
Plastic cable clamp with strain relief nut for waterprotected (IP67) applications (UTG - - ST)
Part number
Shell
Cable range
Dia. A ± 0.5
L ±1
size
UTG10ST
10
2 - 6
21.0
64
UTG12ST
12
3 - 7
24.0
64
UTG14ST
14
6 - 9
27.0
69
UTG16ST
16
7 - 12
30.2
72
UTG18ST
18
33.3
76
UTG20ST
20
9 - 16
36.5
80
UTG22ST
22
39.7
86
UTG24ST
24
13 - 20
42.9
91
Metal cable clamp with strain relief nut for waterprotected applications (UT0 - - PGT)
Part number
Shell
Sealing*
L ±1
A ±0.25
size
outer dia x inner dia’s
UT010PGT
10
13.5 x 5 x 8
53
16.7
UT012PGT
12
16 x 7 x 10.5 x 13 x 16
57
20.1
UT014PGT
14
18.5 x 7 x 105 x 13 x 16
62
23.0
UT016PGT
16
20.5 x 8 x 10.5 x 13 x 16
68
26.2
UT018PGT
18
20.5 x 8 x 10.5 x 13 x 16
71
29.6
UT020PGT
20
26 x 11 x 15 x 18 x 22
82
32.5
UT022PGT
22
26 x 11 x 15 x 18 x 22
88
35.7
UT024PGT
24
35 x 19 x 23 x 27 x 31
103
39.2
*In order to accommodate different cable dia’s, the sealing exisits of different layers which can be pulled out easily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More