| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UTG11823P bảng dữ liệu(PDF) 30 Page - FCI connector |
|
|
|||||||||||||||||||||||||||||
UTG11823P bảng dữ liệu(HTML) 30 Page - FCI connector |
|
30 / 101 page ![]() Circular - accessories 32 Shielded cable clamp only suitable for UTGS connectors (UTGS----PGN) Part number Shell Sealing* For pin contacts For socket contacts size Ø A L outer dia x inner dia’s UTGS10PGN 10 8.8 54 13.5 x 5 x 8 UTGS12PGN 12 12.0 57 16 x 7 x 10.5 x 13 UTGS14PGN 14 14.4 62 18.5 x 7 x 105 x 13 x 16 UTGS16PGN 16 16.4 68 20.5 x 8 x 10.5 x 13 x 16 UTGS18PGN 18 16.8 71 20.5 x 8 x 10.5 x 13 x 16 UTGS20PGPN UTGS20PGSN 20 22.3 82 26 x 11 x 15 x 18 x 22 UTGS22PGPN UTGS22PGSN 22 22.3 88 26 x 11 x 15 x 18 x 22 UTGS24PGPN UTGS24PGSN 24 30.0 103 35 x 19 x 23 x 27 x 31 *In order to accommodate different cable dia’s, the sealing exisits of different layers which can be pulled out easily. Shielded cable clamp only suitable for UT0 connectors (UT0S----PG00T) Part number Shell Sealing* For pin contacts For socket contacts size Ø A L outer dia x inner dia’s UT0S10PG00T 10 8.8 54 13.5 x 5 x 8 UT0S12PG00T 12 12.0 57 16 x 7 x 10.5 x 13 x 16 UT0S14PG00T 14 14.4 62 18.5 x 7 x 105 x 13 x 16 UT0S16PG00T 16 16.4 68 20.5 x 8 x 10.5 x 13 x 16 UT0S18PG00T 18 16.8 71 20.5 x 8 x 10.5 x 13 x 16 UT0S20PGP00T UT0S20PGS00T 20 22.3 82 26 x 11 x 15 x 18 x 22 UT0S22PGP00T UT0S22PGS00T 22 22.3 88 26 x 11 x 15 x 18 x 22 UT0S24PGP00T UT0S24PGS00T 24 30.0 103 35 x 19 x 23 x 27 x 31 *In order to accommodate different cable dia’s, the sealing exisits of different layers which can be pulled out easily. |