| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UTG11823P bảng dữ liệu(PDF) 46 Page - FCI connector |
|
|
|||||||||||||||||||||||||||||
UTG11823P bảng dữ liệu(HTML) 46 Page - FCI connector |
|
46 / 101 page ![]() MS-M - Hyfen rectangular 48 MS34 Cable connector with 1 piece metal suitcase hood (MS34--MEHM) Part number Plug version for Receptacle version for Description male contacts female contacts MS34PMEHM MS34RMEHM Anodised hood, plastic strain relief and turnable hardware. MS34PMSEHM MS34RMSEHM Shielded version with nickel plated hood, metal strain relief and turnable hardware Cable connector with Alu die cast hood (MS-M157GE00) Part number Connector Plug version for Receptacle version for A B C D E max. F Fig. size male contacts female contacts 50 MS50PM157GE00 MS50RM157GE00 57.95 65.85 73.0 56.0 20.0 22.2 1-2 75 MS75PM157GE00 MS75RM157GE00 57.95 65.85 73.0 56.0 25.0 31.2 1-3 |