| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UTG11823P bảng dữ liệu(PDF) 51 Page - FCI connector |
|
|
|||||||||||||||||||||||||||||
UTG11823P bảng dữ liệu(HTML) 51 Page - FCI connector |
|
51 / 101 page ![]() V.35 - Interface connectors 53 How to order MSO 34 M R G 58 SE1 K9 Connector family Contact arrangement N° 16 contacts Type of housing P: Plug body with male contacts R: Receptacle body with female contacts Contact termination K: straight dipsolder G: Right angle dipsolder H: Reversed version Type of hardware 1: Guide pin and socket 58: Threaded jackscrew pin and socket Design variation E1: Solid machined contacts SE1: Stamped and formed contacts SL1: Metal bracket SEH1: Hold down rivets Plating indication MS034 recommended drilling hole pattern Size 34 |