công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UTG11823P bảng dữ liệu(PDF) 92 Page - FCI connector

tên linh kiện UTG11823P
Giải thích chi tiết về linh kiện  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P bảng dữ liệu(HTML) 92 Page - FCI connector

Back Button UTG11823P Datasheet HTML 88Page - FCI connector UTG11823P Datasheet HTML 89Page - FCI connector UTG11823P Datasheet HTML 90Page - FCI connector UTG11823P Datasheet HTML 91Page - FCI connector UTG11823P Datasheet HTML 92Page - FCI connector UTG11823P Datasheet HTML 93Page - FCI connector UTG11823P Datasheet HTML 94Page - FCI connector UTG11823P Datasheet HTML 95Page - FCI connector UTG11823P Datasheet HTML 96Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 101 page
background image
Accessories
94
SMSPKE2V1
A pin, which can be inserted into a preassambled female contact in all TRIM TRIO female boardmount connectors MSO, SMS.
SMSPKE3
A pin, Which can be inserted in the discrimination cavities of the SMS Qikmate cable and boardmount connectors. The discrimination cavities
are in between of the contact cavities and offer the advantage that no contact cavities are lost due to discrimination.
As extraction tool, the RX2025GE1 without the “extraction tool tip” can be used.
To unlock the discrimination pin, insert the extraction tool in the discrimination cavity at the rear side of the connector. Meanwhile, the pin can
be extracted manually at the mating side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More