công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UTG11823P bảng dữ liệu(PDF) 85 Page - FCI connector

tên linh kiện UTG11823P
Giải thích chi tiết về linh kiện  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI-CONNECTOR [FCI connector]
Trang chủ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P bảng dữ liệu(HTML) 85 Page - FCI connector

Back Button UTG11823P Datasheet HTML 81Page - FCI connector UTG11823P Datasheet HTML 82Page - FCI connector UTG11823P Datasheet HTML 83Page - FCI connector UTG11823P Datasheet HTML 84Page - FCI connector UTG11823P Datasheet HTML 85Page - FCI connector UTG11823P Datasheet HTML 86Page - FCI connector UTG11823P Datasheet HTML 87Page - FCI connector UTG11823P Datasheet HTML 88Page - FCI connector UTG11823P Datasheet HTML 89Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
RMDX/RCDX
87
MULTIPIECE Subminiature coax - Male contact for coaxial cable
Type of
coaxial
cable
Contact for inner conductor
Inner female
contact
Part
number
Die Set
Stop
Bushing
Part
number
Fig
Part
number
Fig
Fig.
Crimp tool M10S1
Outer male
contact
Hyring
Crimp tool M10S1
Die
Set
Stop
Bushing
Extrac
tool
Contact for outer braid
RG161U
RG179A/U
RG179B/U
RG187U
RG174/U
RG188/U
Amphenol
21-598
RG178A/U
RG196U
S23D2
YOC074
4
RX2025
GE1
RFD26L1D28
2
SL46D2
RMDX602D28
1
YOC074
4
S22-1
SL47-1
RX16D11
S26D2
D1
YOC074
4
+
S23D2
RMDXB0553
3
Kit reference RMDXK10D28 includes RMDX602D28 + RFD26L1D28 + YOC074 + RMDXB0553 and are packed in plastic bag.
MULTIPIECE Subminiature coax - Female contact for coaxial cable
Type of
coaxial
cable
Contact for inner conductor
Inner male
contact
Part
number
Die Set
Stop
Bushing
Part
number
Fig
Part
number
Fig
Fig.
Crimp tool M10S1
Outer female
contact
Hyring
Crimp tool M10S1
Die Set
Stop
Bushing
Extrac
tool
Contact for outer braid
RG161U
RG179A/U
RG179B/U
RG187U
RG174/U
RG188/U
Amphenol
21-598
RG178A/U
RG196U
YOC074
4
RX2025
S23D2
GE1
or
RMD26L1D28
2
S26D2
SL46D2
RCDX602D28
1
YOC074
4
S22-1
SL47-1
RX16D11
D1
YOC074
4
S23D2
+
RCDXB0551
3
Kit reference RCDXK1D28 includes RCDX602D28 + RMD26L1D28 + YOC074 + RCDXB0551 and are packed in plastic bag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More