| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UTG11823P bảng dữ liệu(PDF) 86 Page - FCI connector |
|
|
|||||||||||||||||||||||||||||
UTG11823P bảng dữ liệu(HTML) 86 Page - FCI connector |
|
86 / 101 page ![]() RMDX/RCDX 88 MULTIPIECE Subminiature coax - Male contact for twisted pair cable Type of coaxial cable Contact for inner conductor Inner female contact Part number Die set Stop bushing Part number Fig Part number Fig Die set Stop bushing Fig. Crimp tool M10S1 Outer male contact Hyring Crimp tool M10S1 Extrac tool Contact for outer braid 2 #24 solid or stranded 2 #26 str 2 #24 7/0,20 str. MIL-W-76 or MIL-W-16878 type B #28 per MIL-W- 81822/3 YORX090 4 YOC074 5 RX2025 RMDXB0553 3 GE1 YORX090 4 or RFD26L1D28 2 S26D2 SL46D2 RMDX602D28 1 YOC074 5 S221 SL471 RMDXB0554 3 RX16D11D1 YORX090 4 YOC074 5 RMDXB0553 3 MULTIPIECE Subminiature coax - Female contact for twisted pair cable Type of coaxial cable Contact for inner conductor Inner male contact Part number Die set Stop bushing Part number Fig Part number Fig Die set Stop bushing Fig. Crimp tool M10S1 Outer female contact Hyring Crimp tool M10S1 Extrac tool Contact for outer braid 2 #24 solid or stranded 2 #26 str 2 #24 7/0,20 str. MIL-W-76 or MIL-W-16878 type B #28 per MIL-W- 81822/3 YORX090 4 YOC074 5 RX2025 RCDXB0551 3 GE1 YORX090 4 or RMD26L1D28 2 S26D2 SL46D2 RCDX602D28 1 YOC074 5 S221 SL471 RCDXB0552 3 RX16D11D1 YORX090 4 YOC074 5 RCDXB0551 3 |